Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 19 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA7385 Datasheet(HTML) 19 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
1996 Jun 19
19
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
Note
1. 16 : 2075 and 0 : 2067 are address frame offsets. The frame buffer organization is shown in Table 75.
8.3
Microcontroller interrupts
An interrupt pulse is generated upon completion of any of the following commands:
• CALCULATE_SYNDROMES (not Mode 2, Form 1)
• CALCULATE_SYNDROMES (Mode 2, Form 1)
• CRC_RECALCULATE (not Mode 2, Form 1)
• CRC_RECALCULATE (Mode 2, Form 1)
• COPY_RESULTS (not Mode 2, Form 1)
• COPY_RESULTS (Mode 2, Form 1)
• CORRECT_P_SYNDROMES
• CORRECT_Q_SYNDROMES
• TEST_ECC_ROM
• TEST_ECC_RAM_READ
• TEST_ECC_RAM_WRITE.
If a command is aborted by the ASSERT_ABORT command, a spurious interrupt may be generated within five clock
cycles of the ASSERT_ABORT command.
COPY_RESULTS
Copies current ECC RAM contents to the buffer memory:
1. Copy header flags from ECC RAM to buffer (Mode 2, Form 1 only)
2. Copy error Flags from ECC RAM to buffer
3. Copy CRC remainder from ECC RAM to buffer
4. Copy P syndromes from ECC RAM to buffer
5. Copy Q syndromes from ECC RAM to buffer.
CORRECT_P_SYNDROMES
Scan all P syndromes and perform P-syndrome calculation. The microcontroller
status bits PS_EQ0, QS_EQ0 and FLAGS_EQ0 are updated at the end of this
operation.
CORRECT_Q_SYNDROMES
Scan all Q syndromes and perform Q-syndrome calculation. The microcontroller
status bits PS_EQ0, QS_EQ0 and FLAGS_EQ0 are updated at the end of this
operation.
TEST_ECC_ROM
Read each exponent and log in the alpha ROM to the NUM_COR register.
This command may only be terminated by the ASSERT_ABORT command.
TEST_ECC_RAM_READ
Read ECC RAM addresses 0 : 591 and copy to buffer addresses 0 : 591.
TEST_ECC_RAM_WRITE
Read buffer addresses 0 : 591 and copy to ECC RAM addresses 0 : 591.
COMMAND
DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn