Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7385 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7385 Datasheet HTML 2Page - NXP Semiconductors SAA7385 Datasheet HTML 3Page - NXP Semiconductors SAA7385 Datasheet HTML 4Page - NXP Semiconductors SAA7385 Datasheet HTML 5Page - NXP Semiconductors SAA7385 Datasheet HTML 6Page - NXP Semiconductors SAA7385 Datasheet HTML 7Page - NXP Semiconductors SAA7385 Datasheet HTML 8Page - NXP Semiconductors SAA7385 Datasheet HTML 9Page - NXP Semiconductors SAA7385 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
1996 Jun 19
6
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
RAS
11
O
S4
DRAM row address section; active LOW
CAS
12
O
S4
DRAM column address selection; active LOW
DWR
13
O
S4
DRAM write; active LOW
DOE
14
O
S4
DRAM output enable; active LOW
VSS2
15
−−
ground 2
DD0
16
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD0
DD1
17
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD1
DD2
18
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD2
DD3
19
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD3
VDD2
20
−−
power supply 2
DD4
21
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD4
DD5
22
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD5
DD6
23
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD6
DD7
24
I/O
4 mA, Schmitt, PD25 DRAM data bus; bit DD7
VSS3
25
−−
ground 3
LED
26
O
24 mA, CMOS test
panel LED; active LOW; WTGCTL(4)
TRAYSW
27
I
Schmitt, PU25
active LOW when tray is in
EJECT
28
I
Schmitt, PU25
opens tray; active LOW
LQDATA
29
O
2 mA
serial data to DAC
LWCLK
30
O
2 mA
word strobe to DAC
VSS4
31
−−
ground 4
SCLK
32
O
2 mA
data serial clock
VSS5
33
−−
ground 5
SYSRES
34
O
2 mA, PU25
system reset; OR of POR, SCSIRST and watch-dog timer
CFLAG
35
I
Schmitt, PU400
C1 and C2 status
CPR
36
O
2 mA
S2B interface ready to accept data; active LOW
SPR
37
I
Schmitt
S2B interface ready to send data; active LOW
SKIPFWD
38
I
Schmitt, PU25
skip forwards; active LOW; RDSW(3)
SKIPBACK
39
I
Schmitt, PU25
skip backwards; active LOW; RDSW(2)
SCSICLK
40
I
standard
SCSI interface clock
VDD3
41
−−
power supply 3
AD0
42
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD0
AD1
43
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD1
AD2
44
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD2
AD3
45
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD3
AD4
46
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD4
AD5
47
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD5
AD6
48
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD6
AD7
49
I/O
S4, Schmitt
microcontroller multiplexed data bus; bit AD7
VSS6
50
−−
ground 6
LA0
51
O
CMOS S2, PU25
EPROM latched lower address; bit LA0
SYMBOL
PIN
I/O
PAD
DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn