Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7385 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7385 Datasheet HTML 1Page - NXP Semiconductors SAA7385 Datasheet HTML 2Page - NXP Semiconductors SAA7385 Datasheet HTML 3Page - NXP Semiconductors SAA7385 Datasheet HTML 4Page - NXP Semiconductors SAA7385 Datasheet HTML 5Page - NXP Semiconductors SAA7385 Datasheet HTML 6Page - NXP Semiconductors SAA7385 Datasheet HTML 7Page - NXP Semiconductors SAA7385 Datasheet HTML 8Page - NXP Semiconductors SAA7385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
1996 Jun 19
5
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
5
BLOCK DIAGRAM
6
PINNING
All input, output and bidirectional signals are TTL level unless otherwise stated (Pull-Down = PD25 = 25
µA;
Pull-Up = PU25 = 25
µA, PU400 = 400 µA; Slew = S2 = 2 mA, S4 = 4 mA;
CMOS slew = CMOS S2 = CMOS 2 = 2 mA; SCSI pad = SCSI = 48 mA).
SYMBOL
PIN
I/O
PAD
DESCRIPTION
DA2
1
O
S4
DRAM address bus; bit DA2
DA3
2
O
S4
DRAM address bus; bit DA3
DA4
3
O
S4
DRAM address bus; bit DA4
VSS1
4
−−
ground 1
DA5
5
O
S4
DRAM address bus; bit DA5
DA6
6
O
S4
DRAM address bus; bit DA6
DA7
7
O
S4
DRAM address bus; bit DA7
DA8
8
O
S4
DRAM address bus; bit DA8
DA9
9
O
S4
DRAM address bus; bit DA9
VDD1
10
−−
power supply 1
Fig.1 Block diagram (simplified).
handbook, full pagewidth
MGE388
DATA
CONVERTER
AND SUB-CODE
UART
LAYERED
ERROR
CORRECTOR
BUFFER
MAPPER
53CF94
SCSI
BUFFER MANAGER
data
subcode
MICROCONTROLLER INTERFACE
DEBUG UART
80C32 MICROCONTROLLER
CD
DECODER
SERVO
PROCESSOR
data
SAA7385
subcode
C-flag
64K
× 8 ROM
256K
× 8 or 1M × 8
DRAM BUFFER
SCSI
interface
debug
UART
S2B serial interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn