Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 49 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA7385 Datasheet(HTML) 49 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
1996 Jun 19
49
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
Fig.13 I2S-bus timing diagram.
handbook, full pagewidth
1
0
15 14 13 12 11 10
9
8
76
5
4
3
2
1
0
CLAB
DAAB
WSAB
EFAB
(error flags)
left
left LSB valid
right MSB valid
right LSB valid
right
MGE399
0.8 V
0.8 V
CLAB
th
clock period Tcy
tCL
tsu
tCH
VDD − 0.8V
VDD − 0.8 V
DAAB
WSAB
EFAB
handbook, full pagewidth
CLAB
DAAB
10
17
16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
WSAB
EFAB
left
right
MGE400
0.8 V
0.8 V
CLAB
th
clock period Tcy
tCL
tsu
tCH
VDD − 0.8V
VDD − 0.8 V
DAAB
WSAB
EFAB
Fig.14 EIAJ timing diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn