Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 47 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA7385 Datasheet(HTML) 47 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
1996 Jun 19
47
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
14 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
15 OPERATING CHARACTERISTICS
15.1
I2S-bus timing; data mode
VDD = 4.75 to 5.25 V; VSS =0V; Tamb = −10 to +70 °C; unless otherwise specified.
Note
1. The I2S-bus timing is directly related to the overspeed factor ‘n’ in the normal operating mode. In the lock-to-disc
mode ‘n’ is replaced by the disc speed factor ‘d’.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
digital supply voltage
−0.5
+7
V
Vi(max)
maximum input voltage on any pin
VSS − 0.5
VDD + 0.5
V
Vo
output voltage on any output
−0.5
+7
V
Tstg
storage temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I2S-bus timing (single speed
× n); see Fig.13 and note 1
CLOCK INPUT: CLAB
Tcy
output clock period
sample rate = fs
472.4/n
ns
sample rate = 2 fs
236.2/n
ns
sample rate = 4 fs
118.1/n
ns
tCH
clock HIGH time
sample rate = fs
166/n
−−
ns
sample rate = 2fs
83/n
−−
ns
sample rate = 4fs
42/n
−−
ns
tCL
clock LOW time
sample rate = fs
166/n
−−
ns
sample rate = 2fs
83/n
−−
ns
sample rate = 4fs
42/n
−−
ns
INPUTS: DAAB, WSAB AND EFAB
tsu
set-up time
sample rate = fs
95/n
−−
ns
sample rate = 2fs
48/n
−−
ns
sample rate = 4fs
24/n
−−
ns
th
hold time
sample rate = fs
95/n
−−
ns
sample rate = 2fs
48/n
−−
ns
sample rate = 4fs
24/n
−−
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn