Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER505-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # HER505-T3
Description  5.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER505-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  HER505-T3 Datasheet HTML 1Page - Won-Top Electronics HER505-T3 Datasheet HTML 2Page - Won-Top Electronics HER505-T3 Datasheet HTML 3Page - Won-Top Electronics HER505-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HER501 – HER508
1 of 4
© 2006 Won-Top Electronics
Pb
HER501 – HER508
5.0A ULTRAFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-201AD, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
501
HER
502
HER
503
HER
504
HER
505
HER
506
HER
507
HER
508
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 5.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
75
50
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Similar Part No. - HER505-T3

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER505-2C5A-2CDO-27 DGNJDZ-HER505-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Frontier Electronics.
HER505-LFR FRONTIER-HER505-LFR Datasheet
129Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - HER505-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HER501 ZSELEC-HER501 Datasheet
108Kb / 2P
   5.0A ULTRAFAST DIODE
EGP50A ZSELEC-EGP50A Datasheet
87Kb / 2P
   5.0A GLASSPASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
SF51 WTE-SF51_06 Datasheet
57Kb / 4P
   5.0A SUPERFAST DIODE
BY550-50 WTE-BY550-50 Datasheet
47Kb / 4P
   5.0A STANDARD DIODE
logo
SUNMATE electronic Co.,...
EGP50A SUNMATE-EGP50A Datasheet
208Kb / 2P
   5.0A Axial Leaded Ultrafast Recovery Rectifier
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
logo
Zibo Seno Electronic En...
MBR520 ZSELEC-MBR520 Datasheet
136Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
SR520 ZSELEC-SR520 Datasheet
98Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
FR501 ZSELEC-FR501 Datasheet
83Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
SR520 WTE-SR520_06 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com