Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1S56TJ000F Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1S56TJ000F
Description  Gap : 2mm, Slit : 0.15mm Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1S56TJ000F Datasheet(HTML) 6 Page - Sharp Electrionic Components

Back Button GP1S56TJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 9Page - Sharp Electrionic Components GP1S56TJ000F Datasheet HTML 10Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D2-A02701EN
GP1S56TJ000F
Fig.7 Collector Current vs.
Ambient Temperature
Fig.8 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig.9 Response Time vs. Load Resistance
Fig.10 Test Circuit for Response Time
Fig.11 Frequency Response
Fig.12 Collector Dark Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
025
−25
50
100
75
1.4
1.2
1
0.8
0.6
0.4
0.2
0
Load resistance RL (kΩ)
100
10
1
1 000
100
10
0.1
0.1
1
ts
td
tr
tf
VCE= 2V
IC= 0.5mA
Ta=25˚C
1 000
Ambient temperature Ta (˚C)
025
−25
50
100
75
IF=40mA
IC=0.6mA
0.2
0.15
0.1
Frequency f (Hz)
100Ω
1kΩ
106
105
104
0
−5
−10
−15
−20
103
102
RL=10kΩ
VCE=2V
IC=0.5mA
Ta=25˚C
5
Ambient temperature Ta (˚C)
75
50
100
25
0
−25
VCE=
20V
10−10
10−9
10−8
10−7
10−6
90%
10%
D
VCC
RL
td
ts
tr
tf
Input
R
Input
Output
Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GP1L50J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L51J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L53VJ000FGap : 5mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S51VJ000FGap : 3mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S53VJ000FGap : 5mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L52VJ000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A53HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A57HRJ00FGap : 10mm Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A58HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn