Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GP1S56TJ000F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP1S56TJ000F
Description  Gap : 2mm, Slit : 0.15mm Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1S56TJ000F Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Sheet No.: D2-A02701EN
GP1S56TJ000F
Fig.5 Collector Current vs. Forward
Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
Fig.3 Peak Forward Current vs.
Duty Ratio
Fig.4 Forward Current vs. Forward
Voltage
Duty ratio
100
10
Ta =25˚C
10−2
10−1
1 000
Pulse width <= 100μs
1
Foward voltage VF (V)
50˚C
−25˚C
0˚C
25˚C
100
10
1
3
2.5
2
1.5
1
0.5
0
Ta=75˚C
Forward current IF (mA)
0
0
VCE=5V
Ta=25˚C
5
4
3
2
1
10
20
30
40
50
Collector-emitter VCE (V)
40mA
30mA
10mA
20mA
78
9
10
6
3
2
1
0
05
4
3
2
1
Ta=25˚C
IF=50mA
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
−25
0
25
50
75 85
100
0
10
20
30
40
50
60
Ambient temperature Ta (˚C)
−25
0
25
50
75 85
100
0
20
40
60
80
100
120
75
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GP1L50J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L51J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L53VJ000FGap : 5mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S51VJ000FGap : 3mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S53VJ000FGap : 5mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L52VJ000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A53HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A57HRJ00FGap : 10mm Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A58HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn