Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GP1S56TJ000F Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. GP1S56TJ000F
Description  Gap : 2mm, Slit : 0.15mm Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1S56TJ000F Datasheet(HTML) 3 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Sheet No.: D2-A02701EN
GP1S56TJ000F
repeats in a 10 year cycle
Date code (2 digit)
1st digit
2nd digit
Year of production
Month of production
A.D.
Mark
Month
Mark
2000
0
1
1
2001
1
2
2
2002
2
3
3
2003
3
4
4
2004
4
5
5
2005
5
6
6
2006
6
7
7
2007
7
8
8
2008
8
9
9
2009
9
10
X
2010
0
11
Y
:
:
12
Z
Country of origin
Japan or Indonesia
(Indicated on the packing case)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GP1L50J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L51J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L53VJ000FGap : 5mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S51VJ000FGap : 3mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S53VJ000FGap : 5mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L52VJ000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A53HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A57HRJ00FGap : 10mm Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A58HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn