Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1S56TJ000F Datasheet(PDF) 9 Page - Sharp Electrionic Components

Part No. GP1S56TJ000F
Description  Gap : 2mm, Slit : 0.15mm Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1S56TJ000F Datasheet(HTML) 9 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Sheet No.: D2-A02701EN
GP1S56TJ000F
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering:
Soldering should be completed below 260˚C and within 5 s.
Please take care not to let any external force exert on lead pins.
Please don't do soldering with preheating, and please don't do soldering by reflow.
Hand soldering
Hand soldering should be completed within 3 s when the point of solder iron is below 350̊C.
Please solder within one time.
Please don't touch the terminals directly by soldering iron.
Soldered product shall treat at normal temperature.
Other notice
Please test the soldering method in actual condition and make sure the soldering works fine, since the
impact on the junction between the device and PCB varies depending on the cooling and soldering
conditions.
Flux
Some flux, which is used in soldering, may crack the package due to synergistic effect of alcohol in flux and
the rise in temperature by heat in soldering. Therefore, in using flux, please make sure that it does not have
any influence on appearance and reliability of the photointerrupter.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GP1L50J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L51J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L53VJ000FGap : 5mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S51VJ000FGap : 3mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1S53VJ000FGap : 5mm Slit : 0.5mm Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L52VJ000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A53HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A57HRJ00FGap : 10mm Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A58HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn