Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1S51VJ000F Datasheet(PDF) 10 Page - Sharp Corporation

Part # GP1S51VJ000F
Description  Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S51VJ000F Datasheet(HTML) 10 Page - Sharp Corporation

Back Button GP1S51VJ000F Datasheet HTML 4Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 5Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 6Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 7Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 8Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 9Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 10Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 11Page - Sharp Corporation GP1S51VJ000F Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Sheet No.: D3-A02401EN
GP1S51VJ000F
● Cleaning instructions
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3 minutes or less.
Ultrasonic cleaning :
The affect to device by ultrasonic cleaning is different by cleaning bath size, ultrasonic power output,
cleaning time, PCB size or device mounting condition etc.
Please test it in actual using condition and confirm that doesn't occur any defect before starting the ultrasonic
cleaning.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
● Presence of ODC
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
•Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated
diphenyl ethers (PBDE).


Similar Part No. - GP1S51VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S51V SHARP-GP1S51V Datasheet
76Kb / 5P
   General Purpose Photointerrupter
More results

Similar Description - GP1S51VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1S53VJ000F SHARP-GP1S53VJ000F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S59J0000F SHARP-GP1S59J0000F Datasheet
160Kb / 12P
   Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com