Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1L53VJ000F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1L53VJ000F
Description  Gap : 5mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L53VJ000F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP1L53VJ000F Datasheet HTML 2Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 3Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 4Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 5Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 6Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 7Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 8Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 9Page - Sharp Corporation GP1L53VJ000F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D3-A03301EN
GP1L53VJ000F
Fig.7 Collector Current vs.
Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Response Time vs. Load Resistance
Fig.10 Test Circuit for Response Time
Fig.11 Frequency Response
Fig.12 Collector Dark Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
025
−25
50
100
75
4
IF=1mA
VCE=2V
3
2
1
0
Load resistance RL (kΩ)
100
1 000
100
10
1
1
VCE= 2V
IC= 10mA
Ta=25˚C
1 000
10
tf
tr
td
ts
Ambient temperature Ta (˚C)
IF=2mA
IC=0.3mA
1
0.8
0.6
0.4
0.2
−25
75
100
50
25
0
0
Frequency f (Hz)
10
6
10
5
10
4
0
−5
−10
−15
−20
10
3
VCE=2V
IC=10mA
Ta=25˚C
100Ω 10Ω
RL=
1kΩ
5
Ambient temperature Ta (˚C)
75
50
100
25
0
−25
VCE=20V
10
−11
10
−10
10
−9
10
−8
10
−7
10
−4
10
−6
10
−5
10%
Output
Input
90%
Input
Output
RD
VCC
RL
td
tr
ts
tf


Similar Part No. - GP1L53VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter
More results

Similar Description - GP1L53VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S53VJ000F SHARP-GP1S53VJ000F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
   Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S59J0000F SHARP-GP1S59J0000F Datasheet
160Kb / 12P
   Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com