Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1L51J0000F Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GP1L51J0000F
Description  Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1L51J0000F Datasheet(HTML) 2 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Sheet No.: D3-A03101EN
GP1L51J0000F
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 0.6g
• Unspecified tolerance shall be as follows ;
Dimensions (d)
Tolerance
d≤6
±0.1
6<d≤18
±0.2
• ( ) : Reference dimensions
Anode
Cathode
Collector
Emitter
1
3
4
2
1
2
3
4
Top view
(9.2)
0.5
5
12
18
2
4−0.45
+0.3
−0.1
0.4+
0.3
−0.1
3+
0.2
−0.1
2−φ3.2
±0.2
12.2±
0.3
(2.54)
3
4
1
2
Model
No.
B-Bʼ
section
0.5
A-Aʼ
section
B
A
Date code
Top view
Dip soldering material : Sn−3Ag−0.5Cu


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GP1L52VJ000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L50J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A50HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A51HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52LRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A53HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A58HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A57HRJ00FGap : 10mm Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A05AJ000FGap : 5mm Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn