Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1L51J0000F Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GP1L51J0000F
Description  Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1L51J0000F Datasheet(HTML) 1 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GP1L51J0000F
1
Sheet No.: D3-A03101EN
Date Oct. 3. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1L51J0000F
Gap : 3mm, Slit : 0.5mm
Darlington Phototransistor Output,
Case package Transmissive
Photointerrupter
■ Description
GP1L51J0000F is a standard, darlington phototransis-
tor output, transmissive photointerrupter with opposing
emitter and detector in a case, providing non-contact
sensing. For this family of devices, the emitter and de-
tector are inserted in a case, resulting in a through-hole
design.
The case includes additional screw fixing holes, on
both sides 3.2mm diameter.
■ Features
1. Transmissive with darlington phototransistor output
2. Highlights :
• Verical Slit for alternate motion detection
• Includes additional screw fixing holes
3. Key Parameters :
• Gap Width : 3mm
• Slit Width (detector side): 0.5mm
• Package : 12.2×10×18mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of object presence or mo-
tion.
2. Example : Printer, FAX, Optical storage unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GP1L52VJ000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1L50J0000FGap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A50HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A51HRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A52LRJ00FGap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A53HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A58HRJ00FGap : 5mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A57HRJ00FGap : 10mm Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter 1 2 3 4 5 MoreSharp Electrionic Components
GP1A05AJ000FGap : 5mm Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn