Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1L50J0000F Datasheet(PDF) 9 Page - Sharp Corporation

Part # GP1L50J0000F
Description  Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L50J0000F Datasheet(HTML) 9 Page - Sharp Corporation

Back Button GP1L50J0000F Datasheet HTML 4Page - Sharp Corporation GP1L50J0000F Datasheet HTML 5Page - Sharp Corporation GP1L50J0000F Datasheet HTML 6Page - Sharp Corporation GP1L50J0000F Datasheet HTML 7Page - Sharp Corporation GP1L50J0000F Datasheet HTML 8Page - Sharp Corporation GP1L50J0000F Datasheet HTML 9Page - Sharp Corporation GP1L50J0000F Datasheet HTML 10Page - Sharp Corporation GP1L50J0000F Datasheet HTML 11Page - Sharp Corporation GP1L50J0000F Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Sheet No.: D3-A03001EN
GP1L50J0000F
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering:
Soldering should be completed below 260˚C and within 5 s.
Please take care not to let any external force exert on lead pins.
Please don't do soldering with preheating, and please don't do soldering by reflow.
Hand soldering
Hand soldering should be completed within 3 s when the point of solder iron is below 350̊C.
Please solder within one time.
Please don't touch the terminals directly by soldering iron.
Soldered product shall treat at normal temperature.
Other notice
Please test the soldering method in actual condition and make sure the soldering works fine, since the
impact on the junction between the device and PCB varies depending on the cooling and soldering
conditions.
Flux
Some flux, which is used in soldering, may crack the package due to synergistic effect of alcohol in flux and
the rise in temperature by heat in soldering. Therefore, in using flux, please make sure that it does not have
any influence on appearance and reliability of the photointerrupter.


Similar Part No. - GP1L50J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L50 SHARP-GP1L50 Datasheet
73Kb / 5P
   High Sensitivity Photointerrupter
More results

Similar Description - GP1L50J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
   Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1L53VJ000F SHARP-GP1L53VJ000F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1S53VJ000F SHARP-GP1S53VJ000F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S59J0000F SHARP-GP1S59J0000F Datasheet
160Kb / 12P
   Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com