Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7380 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. SAA7380
Description  Error correction and host interface IC for CD-ROM ELM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7380 Datasheet HTML 1Page - NXP Semiconductors SAA7380 Datasheet HTML 2Page - NXP Semiconductors SAA7380 Datasheet HTML 3Page - NXP Semiconductors SAA7380 Datasheet HTML 4Page - NXP Semiconductors SAA7380 Datasheet HTML 5Page - NXP Semiconductors SAA7380 Datasheet HTML 6Page - NXP Semiconductors SAA7380 Datasheet HTML 7Page - NXP Semiconductors SAA7380 Datasheet HTML 8Page - NXP Semiconductors SAA7380 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
1996 Apr 25
5
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
6
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
DGND1
1
digital ground 1
RA6
2
O
buffer RAM address bus output line 6
RA7
3
O
buffer RAM address bus output line 7
RA8
4
O
buffer RAM address bus output line 8
RA9
5
O
buffer RAM address bus output line 9
RA10
6
O
buffer RAM address bus output line 10
RA11
7
O
buffer RAM address bus output line 11 (SRAM) only
RA12
8
O
buffer RAM address bus output line 12 (SRAM) only
RA13
9
O
buffer RAM address bus output line 13 (SRAM) only
RA14
10
O
buffer RAM address bus output line 14 (SRAM) only
RA15/RAS
11
O
buffer RAM address bus output line 15 (SRAM) or RAS (DRAM)
RA16/CAS
12
O
buffer RAM address bus output line 16 (SRAM) or CAS (DRAM)
RWE
13
O
buffer RAM write enable output
DGND2
14
digital ground 2
RD0
15
I/O
buffer RAM data bus bidirectional line 0
RD1
16
I/O
buffer RAM data bus bidirectional line 1
RD2
17
I/O
buffer RAM data bus bidirectional line 2
RD3
18
I/O
buffer RAM data bus bidirectional line 3
RD4
19
I/O
buffer RAM data bus bidirectional line 4
RD5
20
I/O
buffer RAM data bus bidirectional line 5
RD6
21
I/O
buffer RAM data bus bidirectional line 6
RD7
22
I/O
buffer RAM data bus bidirectional line 7
TEST2
23
I
test input 2
DGND3
24
digital ground 3
TEST1
25
I
test input 1
CROUT
26
O
clock oscillator output
CRIN
27
I
clock oscillator input
SFSY
28
I
serial subcode input frame sync input
RCK
29
O
serial subcode clock output (active LOW)
SUB
30
I
serial input for Q-to-W subcode input
BCK
31
I
serial interface bit clock input
VDDD1
32
digital supply voltage 1 (3.3 V)
WS
33
I
serial interface word clock input
DATA
34
I
serial data input
C2PO
35
I
serial interface flag input
SDA
36
I/O
sub-CPU serial data input/output
SCL
37
I
sub-CPU serial clock input
INT
38
O
sub-CPU open-collector interrupt output
RESET
39
I
power-on reset input (active LOW)
SYN
40
I
sync signal input from sub-CPU


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn