Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER103-TB Datasheet(PDF) 4 Page - Won-Top Electronics

Part # HER103-TB
Description  1.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER103-TB Datasheet(HTML) 4 Page - Won-Top Electronics

  HER103-TB Datasheet HTML 1Page - Won-Top Electronics HER103-TB Datasheet HTML 2Page - Won-Top Electronics HER103-TB Datasheet HTML 3Page - Won-Top Electronics HER103-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HER101 – HER108
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
HER101-T3
DO-41
5000/Tape & Reel
HER101-TB
DO-41
5000/Tape & Box
HER101
DO-41
1000 Units/Box
HER102-T3
DO-41
5000/Tape & Reel
HER102-TB
DO-41
5000/Tape & Box
HER102
DO-41
1000 Units/Box
HER103-T3
DO-41
5000/Tape & Reel
HER103-TB
DO-41
5000/Tape & Box
HER103
DO-41
1000 Units/Box
HER104-T3
DO-41
5000/Tape & Reel
HER104-TB
DO-41
5000/Tape & Box
HER104
DO-41
1000 Units/Box
HER105-T3
DO-41
5000/Tape & Reel
HER105-TB
DO-41
5000/Tape & Box
HER105
DO-41
1000 Units/Box
HER106-T3
DO-41
5000/Tape & Reel
HER106-TB
DO-41
5000/Tape & Box
HER106
DO-41
1000 Units/Box
HER107-T3
DO-41
5000/Tape & Reel
HER107-TB
DO-41
5000/Tape & Box
HER107
DO-41
1000 Units/Box
HER108-T3
DO-41
5000/Tape & Reel
HER108-TB
DO-41
5000/Tape & Box
HER108
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, HER101-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - HER103-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER103-TB WTE-HER103-TB Datasheet
47Kb / 3P
   1.0A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER103-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
1H1 WTE-1H1_06 Datasheet
50Kb / 4P
   1.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
GU1A ZSELEC-GU1A Datasheet
134Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
US1A ZSELEC-US1A Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
MURS110 ZSELEC-MURS110 Datasheet
142Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com