Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A57HRJ00F Datasheet(PDF) 10 Page - Sharp Electrionic Components

Part No. GP1A57HRJ00F
Description  Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A57HRJ00F Datasheet(HTML) 10 Page - Sharp Electrionic Components

Back Button GP1A57HRJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 9Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 10Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 11Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 12Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Sheet No.: D3-A03901EN
GP1A57HRJ00F
● Cleaning instructions
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3 minutes or less.
Ultrasonic cleaning :
The effect to device by ultrasonic cleaning differs by cleaning bath size, ultrasonic power output, cleaning
time, PCB size or device mounting condition etc.
Please test it in actual using condition and confirm that doesn't occur any defect before starting the ultrasonic
cleaning.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
● Presence of ODC
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
•Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated
diphenyl ethers (PBDE).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn