Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A57HRJ00F Datasheet(PDF) 8 Page - Sharp Electrionic Components

Part No. GP1A57HRJ00F
Description  Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A57HRJ00F Datasheet(HTML) 8 Page - Sharp Electrionic Components

Back Button GP1A57HRJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 9Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 10Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 11Page - Sharp Electrionic Components GP1A57HRJ00F Datasheet HTML 12Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Sheet No.: D3-A03901EN
GP1A57HRJ00F
● Parts
This product is assembled using the below parts.
• Photodetector (qty. : 1) [Using a silicon photodiode as light detecting portion, and a bipolar IC as signal processing circuit]
Category
Maximum Sensitivity
wavelength (nm)
Sensitivity
wavelength (nm)
Response time (μs)
Photodiode
900
400 to 1 200
3
• Photo emitter (qty. : 1)
Category
Material
Maximum light emitting
wavelength (nm)
I/O Frequency (MHz)
Infrared emitting diode
(non-coherent)
Gallium arsenide (GaAs)
950
0.3
• Material
Case
Lead frame plating
Black NORYL resin
Solder dip. (Sn−3Ag−0.5Cu)
• Others
Laser generator is not used.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn