Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7377 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7377
Description  Digital servo processor and Compact Disc decoder CD7
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7377 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7377 Datasheet HTML 14Page - NXP Semiconductors SAA7377 Datasheet HTML 15Page - NXP Semiconductors SAA7377 Datasheet HTML 16Page - NXP Semiconductors SAA7377 Datasheet HTML 17Page - NXP Semiconductors SAA7377 Datasheet HTML 18Page - NXP Semiconductors SAA7377 Datasheet HTML 19Page - NXP Semiconductors SAA7377 Datasheet HTML 20Page - NXP Semiconductors SAA7377 Datasheet HTML 21Page - NXP Semiconductors SAA7377 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
1998 Jul 06
18
Philips Semiconductors
Product specifications
Digital servo processor and Compact Disc
decoder (CD7)
SAA7377
7.10
KILL circuit
The KILL circuit detects digital silence by testing for an
all-zero or all-ones data word in the left or right channel
before the digital filter. The output is switched active LOW
when silence has been detected for at least 250 ms, or if
mute is active. Two modes are available which can be
selected by register C:
1 pin kill: KILL active LOW indicates silence detected on
both left and right channels.
2 pin kill: KILL active LOW indicates silence detected on
left channel. V3 active LOW indicates silence detected
on right channel.
7.11
The VIA interface
The SAA7377 has five pins that can be reconfigured for
different applications (see Table 8).
Table 8
Pin applications
PIN NAME
PIN
NUMBER
TYPE
CONTROL
REGISTER
ADDRESS
CONTROL
REGISTER
DATA
FUNCTION
V1
62
input
1100
xxx1
external off-track signal input
xxx0
internal off-track signal used, input may be read
via decoder status bit; selected via register 2
V2
63
input
−−
input may be read via decoder status bit;
selected via register 2
V3
42
output
1100
xx0x
KILL output for right channel
x01x
output = 0
x11x
output = 1
V4
41
output
1101
0000
4-line motor drive (using V4 and V5)
xx01
Q-to-W subcode output
xx10
output = 0
xx11
output = 1
V5
40
output
1101
01xx
de-emphasis output (active HIGH)
10xx
output = 0
11xx
output = 1
7.12
Spindle motor control
7.12.1
MOTOR OUTPUT MODES
The spindle motor speed is controlled by a fully integrated
digital servo. Address information from the internal
±8 frame FIFO and disc speed information are used to
calculate the motor control output signals. Several output
modes, selected by register 6, are supported:
• Pulse density, 2-line (true complement output), 1 MHz
sample frequency
• PWM output, 2-line, 22.05 kHz modulation frequency
• PWM output, 4-line, 22.05 kHz modulation frequency
• CDV motor mode.
7.12.1.1
Pulse density output mode
In the pulse density mode the motor output pin (MOTO1)
is the pulse density modulated motor output signal. A 50%
duty factor corresponds with the motor not actuated,
higher duty factors mean acceleration, lower mean
braking. In this mode, the MOTO2 signal is the inverse of
the MOTO1 signal. Both signals change state only on the
edges of a 1 MHz internal clock signal. Possible
application diagrams are illustrated in Fig.13.
7.12.1.2
PWM output mode (2-line)
In the PWM mode the motor acceleration signal is put
in pulse-width modulation form on the MOTO1 output.
The motor braking signal is pulse-width modulated on the
MOTO2 output. The timing is illustrated in Fig.14. A typical
application diagram is illustrated in Fig.15.


Similar Part No. - SAA7377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com