Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A52LRJ00F Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1A52LRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A52LRJ00F Datasheet(HTML) 6 Page - Sharp Electrionic Components

Back Button GP1A52LRJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 9Page - Sharp Electrionic Components GP1A52LRJ00F Datasheet HTML 10Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D3-A04101EN
GP1A52LRJ00F
Fig.7 Low Level Output Voltage vs.
Low Level Output Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Fig.8 Low Level Output Voltage vs.
Ambient Temperature
Fig.9 Supply Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs.
Forward Current
Fig.11 Rise Time,Fall Time vs.
Load Resistance
Fig.12 Test Circuit for Response Time
0.6
0.5
0.1
0
0.2
0.3
0.4
Ambient temperature Ta (˚C)
100
75
50
25
0
−25
16mA
5mA
VCC=5V
IOL=30mA
5V
10V
−25
0
25
50
75
100
2
1.5
1
0
0.5
2.5
3
10V
5V
Ambient temperature Ta (˚C)
VCC=17V
ICCL
ICCH
VCC=17V
0
50
40
030
20
10
2
4
8
6
60
Forward current IF (mA)
tPLH
tPHL
12
10
VCC=5V
RL=280Ω
Ta=25˚C
0.1
0.6
0.7
0.8
110
0.5
0.4
0.3
0
0.1
0.2
Ta=25˚C
VCC=5V
IF=5mA
Load resistance RL (kΩ)
tr
tf
10%
90%
50%
1.5V
Input
Output
Input
47Ω
Voltage regulator
Amp.
+5V
Output
0.01μF
280Ω
GND
tr=tf=0.01μs
tPHL
tr
tPLH
VOH
VOL
tf
(15kΩ)
ZO=50Ω
1
10
100
1
0.1
0.01
VCC=5V
Ta=25˚C
Low level output current IOL (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A52HRJ00F Gap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1A50HRJ00F Gap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1A51HRJ00F Gap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1L52VJ000F Gap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1A05AJ000F Gap : 5mm Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector 1  2  3  4  5  More Sharp Electrionic Components
GP1A05EJ000F Gap : 5mm Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector 1  2  3  4  5  More Sharp Electrionic Components
GP1A91LCJ00F Gap : 1.2mm Slit : 0.23mm OPIC Output Compact Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1S94J0000F Gap : 3.5mm Slit : 0.3mm Phototransistor Output Compact Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP2S60_05 SMT Detecting Distance : 0.5mm Phototransistor Output Compact Refl ective Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
SFH691AT Optocoupler Phototransistor Output SOP-4 AC Input Mini-Flat Package 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn