Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A51HRJ00F Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GP1A51HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A51HRJ00F Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GP1A51HRJ00F Datasheet HTML 1Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A51HRJ00F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GP1A51HRJ00F
1
Sheet No.: D3-A03601EN
Date Oct. 3. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1A51HRJ00F
Gap : 3mm, Slit : 0.5mm
*OPIC Output
Case package Transmissive
Photointerrupter
■ Description
GP1A51HRJ00F is a standard, OPIC output, trans-
missive photointerrupter with opposing emitter and de-
tector in a case, providing non-contact sensing. For this
family of devices, the emitter and detector are inserted in
a case, resulting in a through-hole design.
The case includes additional screw fixing holes, on
both sides 3.2mm diameter.
■ Features
1. Transmissive with OPIC output
2. Highlights:
• Verical Slit for alternate motion detection
• Output Low Level at intercepting optical path
• Includes additional screw fixing holes
3. Key Parameters:
• Gap Width : 3mm
• Slit Width (detector side) : 0.5mm
• Package : 12.2×10×18mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of object presence or mo-
tion.
2. Example : Printer, FAX, Optical storage unit
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-
processing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A52HRJ00F Gap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1A50HRJ00F Gap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1L52VJ000F Gap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1A05AJ000F Gap : 5mm Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector 1  2  3  4  5  More Sharp Electrionic Components
GP1A05EJ000F Gap : 5mm Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector 1  2  3  4  5  More Sharp Electrionic Components
GP1A91LCJ00F Gap : 1.2mm Slit : 0.23mm OPIC Output Compact Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP1S94J0000F Gap : 3.5mm Slit : 0.3mm Phototransistor Output Compact Transmissive Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
GP2S60_05 SMT Detecting Distance : 0.5mm Phototransistor Output Compact Refl ective Photointerrupter 1  2  3  4  5  More Sharp Electrionic Components
FODM121 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers 1  2  3  4  5  More Fairchild Semiconductor
FODM3010_05 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn