Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A50HRJ00F Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1A50HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A50HRJ00F Datasheet(HTML) 6 Page - Sharp Electrionic Components

Back Button GP1A50HRJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 9Page - Sharp Electrionic Components GP1A50HRJ00F Datasheet HTML 10Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D3-A03501EN
GP1A50HRJ00F
Fig.7 Low Level Output Voltage vs.
Low Level Output Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Fig.8 Low Level Output Voltage vs.
Ambient Temperature
Fig.9 Supply Current vs.
Ambient Temperature (H Gain Mode)
Fig.10 Propagation Delay Time vs.
Forward Current
Fig.11 Rise Time,Fall Time vs.
Load Resistance
Fig.12 Test Circuit for Response Time
0.6
0.5
0.1
0
0.2
0.3
0.4
Ambient temperature Ta (˚C)
100
75
50
25
0
−25
16mA
5mA
VCC=5V
IOL=30mA
5V
10V
−25
0
25
50
75
100
2
1
0
3
10V
5V
Ambient temperature Ta (˚C)
VCC=17V
ICCL
ICCH
VCC=17V
0
50
40
030
20
10
2
4
8
6
60
Forward current IF (mA)
tPLH
tPHL
12
10
VCC=5V
RL=280Ω
Ta=25˚C
0.1
0.6
0.7
0.8
110
0.5
0.4
0.3
0
0.1
0.2
Ta=25˚C
VCC=5V
IF=5mA
Load resistance RL (kΩ)
tr
tf
10%
90%
50%
1.5V
Input
Output
Input
47Ω
Voltage regulator
Amp.
+5V
Output
0.01μF
280Ω
GND
IF=5mA
tr=tf=0.01μs
tPLH
tr
tPHL
VOH
VOL
tf
(15kΩ)
ZO=50Ω
1
10
100
1
0.1
0.01
VCC=5V
Ta=25˚C
Low level output current IOL (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn