Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A05EJ000F Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1A05EJ000F
Description  Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A05EJ000F Datasheet(HTML) 6 Page - Sharp Electrionic Components

Back Button GP1A05EJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 9Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 10Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Sheet No.: D3-A06101EN
GP1A05EJ000F Series
■ Design Considerations
● Design guide
1) Prevention of detection error
To prevent photointerrupter from faulty operation caused by external light, do not set the detecting face to
the external light.
2) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01μF between VCC and
GND near the device.
3) When the sensor is connected with long wire, noise might be on the signal from the sensor while it is
going through the wire. To avoid this problem, please evaluate the sensor under actual usage condition to
make sure that the system works fine.
4) Position of opaque board
Opaque board shall be installed at place 5mm or more from the top of elements.
(Example)
5mm or more
5) Screw tightening torque
The tightening torque for screwing should be 0.6N⋅m or less.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Parts
This product is assembled using the below parts.
• Photodetector (qty. : 1) [Using a silicon photodiode as light detecting portion, and a bipolar IC as signal processing circuit]
Category
Maximum Sensitivity
wavelength (nm)
Sensitivity
wavelength (nm)
Response time (μs)
Photodiode
900
400 to 1 200
3
• Photo emitter (qty. : 1)
Category
Material
Maximum light emitting
wavelength (nm)
I/O Frequency (MHz)
Infrared emitting diode
(non-coherent)
Gallium arsenide (GaAs)
950
0.3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn