Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A05EJ000F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP1A05EJ000F
Description  Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A05EJ000F Datasheet(HTML) 5 Page - Sharp Electrionic Components

  GP1A05EJ000F Datasheet HTML 1Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Sheet No.: D3-A06101EN
GP1A05EJ000F Series
Fig.3 Low Level Output Voltage vs.
Ambient Temperature
Fig.4 Supply Current vs. Supply Voltage
Fig.1 Low Level Output Current vs.
Ambient Temperature
Fig.2 Low Level Output Voltage vs.
Low Level Output Current
0
60
50
40
30
20
16.6
10
−20
0
25
50
75
100
Ambient temperature Ta (C)
VCC=5V
Ta=25C
0.01
1
0.1
1
10
100
Low level output current IOL (mA)
Ambient temperature Ta (C)
IOL=30mA
16mA
5mA
0.6
0.5
0.4
0.3
0.2
0.1
0
−25
0
25
50
75
100
VCC=5V
30
28
24
20
16
12
8
4
0
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
Supply voltage VCC (V)
Ta=−20C
Ta=−20C,+25C,+75C
+25C
+75C
ICCL
ICCH
Fig.5 Detecting Position Characteristics (1)
Fig.6 Detecting Position Characteristics (2)
d
0
Shield
06
5
4
3
2
1
VCC=5V
Ta=25C
Output "High"
Output "Low"
(Detecting position : d=3.5
±0.3)
Shield moving distance d (mm)
Shield
06
5
4
3
2
1
VCC=5V
Ta=25C
Output "Low"
Output "High"
Shield moving distance h (mm)
h=3
+2
−1.5
(Detecting position :
)
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn