Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A05EJ000F Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. GP1A05EJ000F
Description  Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A05EJ000F Datasheet(HTML) 4 Page - Sharp Electrionic Components

  GP1A05EJ000F Datasheet HTML 1Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Sheet No.: D3-A06101EN
GP1A05EJ000F Series
(VCC=5V, Ta=25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low level supply current
ICCL
Light beam interrupted
−−
30
mA
Low level output voltage
VOL
Light beam interrupted, IOL=16mA
−−
0.35
V
High level supply current
ICCH
Light beam uninterrupted
−−
30
mA
High level output voltage
VOH
Light beam uninterrupted
VCC×0.9
−−
V
*3 Response frequency
f
No DC output is allowed
−−
3 000
Hz
Operating supply voltage
VCC
4.5
5.5
V
3 Response frequency is measured with the disk shown below being rotated.
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to +8V
*1 Low level output current
IOL
50
mA
*2 Operating temperature
Topr
−20 to +75
˚C
*2 Storage temperature
Tstg
−40 to +85
˚C
1 Collector current of output transistor, refer to Fig.1.
2 The connector should be plugged in/out at normal temperature.
0.5
0.5
Disk
(Unit : mm)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn