Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A05EJ000F Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. GP1A05EJ000F
Description  Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A05EJ000F Datasheet(HTML) 3 Page - Sharp Electrionic Components

  GP1A05EJ000F Datasheet HTML 1Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1A05EJ000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Sheet No.: D3-A06101EN
GP1A05EJ000F Series
Country of origin
Japan or Philippines
(Indicated on the packing case)
Date code
Year of production
Month of production
Last two digits of
Christian year.
Month
Mark
11
22
33
44
55
66
77
88
99
10
X
11
Y
12
Z


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn