Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A05AJ000F Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. GP1A05AJ000F
Description  Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A05AJ000F Datasheet(HTML) 4 Page - Sharp Electrionic Components

  GP1A05AJ000F Datasheet HTML 1Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Sheet No.: D3-A04501EN
GP1A05AJ000F Series
Date code
Year of production
Month of production
Last two digits of
Christian year.
Month
Mark
11
22
33
44
55
66
77
88
99
10
X
11
Y
12
Z
Country of origin
Japan or Philippines
(Indicated on the packing case)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn