Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A05AJ000F Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GP1A05AJ000F
Description  Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A05AJ000F Datasheet(HTML) 2 Page - Sharp Electrionic Components

  GP1A05AJ000F Datasheet HTML 1Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1A05AJ000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Sheet No.: D3-A04501EN
GP1A05AJ000F Series
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 3.0g
Voltage regulator
Amp.
1
1
2
3
2
3
VCC
GND
VOUT
Connector : 171825-3
(Tyco Electronics AMP K.K.)
15
2
34
10.4±
1
11±
0.1
12±
0.1
5
C0.5
5
7
3.5
Slit width0.5±
0.1
φ3±0.1 Depth2
Model No.
φ4.2
±0.2
1
2
3
05
1
Z
Y
D
B
Date code indicator (month)
Date code
(Year)
Model
indicator
Truth table (In case of external addition pull-up resistance to VOUT terminal)
Condition
Output
Light beam interrupted
High
Light beam uninterrupted
Low
• Unspecified tolerance shall be as
follows ;
Dimensions(d)
Tolerance
less than 4
±0.2
4 or more less than 16
±0.3
16 or more
±0.5
GP1A05AJ000F
GP1A05A2J00F
Product mass : approx. 3.0g
15
2
34
9.2±
1
11±
0.1
12±
0.1
5
C0.5
5
7
3.5
Slit width 0.5±
0.1
φ3
±0.1 Depth 2
φ4.2
±0.2
1
2
3
Protrusion of connector
from holder : Max.1
Connector :
B3P-SHF-1AA (LF)
(J.S.T. MFG. CO., LTD.)
05
1
Z
Y
D
B
Date code indicator (month)
Date code
(Year)
Model
indicator
Model No.
• Unspecified tolerance shall be as
follows ;
Dimensions(d)
Tolerance
less than 4
±0.2
4 or more less than 16
±0.3
16 or more
±0.5
Connector terminal plating material : Sn
Connector terminal plating material : Sn


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn