Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1808C300GCRAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1808C300GCRAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808C300GCRAC Datasheet(HTML) 2 Page - Kemet Corporation

  C1808C300GCRAC Datasheet HTML 1Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 2Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 3Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 4Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 5Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 6Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 7Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 8Page - Kemet Corporation C1808C300GCRAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP / HIGH VOLTAGE
* Contact KEMET Sales Representative for C, D, F & G Capacitance Tolerance availability.
Note: Actual thickness dimensions may be less than stated maximum. Check the KEMET website, www.kemet.com, for additional values and chip sizes available.
pg
C0G DIELECTRIC CAPACITANCE VALUES AND THICKNESS TARGETS (in.)
Series
Max
Thickness
(in)
Cap Code/
Voltage
1.0-2.4 C,D
109-249
2.7-5.1 C,D
K,M
279-519
5.6-9.1 C,D
J,K,M
569-919
10 C,D
J,K,M
100
11 C,D
J,K,M
110
12 C,D
J,K,M
120
13 C,D
J,K,M
130
15 C,D G,J,K,M
150
16 C,D G,J,K,M
160
18 C,D G,J,K,M
180
20 C,D G,J,K,M
200
22 C,D G,J,K,M
220
24 C,D G,J,K,M
240
27
D,F,G,J,K,M
270
30
D,F,G,J,K,M
300
33
D,F,G,J,K,M
330
36
D,F,G,J,K,M
360
39
D,F,G,J,K,M
390
43
D,F,G,J,K,M
430
47
D,F,G,J,K,M
470
51
D,F,G,J,K,M
510
56
F,G,J,K,M
560
62
F,G,J,K,M
620
68
F,G,J,K,M
680
75
F,G,J,K,M
750
82
F,G,J,K,M
820
91
F,G,J,K,M
910
100
F,G,J,K,M
101
110
F,G,J,K,M
111
120
F,G,J,K,M
121
130
F,G,J,K,M
131
150
F,G,J,K,M
151
160
F,G,J,K,M
161
180
F,G,J,K,M
181
200
F,G,J,K,M
201
220
F,G,J,K,M
221
240
F,G,J,K,M
241
270
F,G,J,K,M
271
300
F,G,J,K,M
301
330
F,G,J,K,M
331
360
F,G,J,K,M
361
390
F,G,J,K,M
391
430
F,G,J,K,M
431
470
F,G,J,K,M
471
510
F,G,J,K,M
511
560
F,G,J,K,M
561
620
F,G,J,K,M
621
680
F,G,J,K,M
681
750
F,G,J,K,M
751
820
F,G,J,K,M
821
910
F,G,J,K,M
911
1000
F,G,J,K,M
102
1100
F,G,J,K,M
112
1200
F,G,J,K,M
122
1300
F,G,J,K,M
132
1500
F,G,J,K,M
152
1600
F,G,J,K,M
162
1800
F,G,J,K,M
182
2000
F,G,J,K,M
202
2200
F,G,J,K,M
222
2400
F,G,J,K,M
242
2700
F,G,J,K,M
272
3000
F,G,J,K,M
302
3300
F,G,J,K,M
332
3600
F,G,J,K,M
362
3900
F,G,J,K,M
392
4300
F,G,J,K,M
432
4700
F,G,J,K,M
472
5100
F,G,J,K,M
512
5600
F,G,J,K,M
562
6200
F,G,J,K,M
622
6800
F,G,J,K,M
682
7500
F,G,J,K,M
752
8200
F,G,J,K,M
822
9100
F,G,J,K,M
912
10,000
F,G,J,K,M
103
2225
Cap
pF
Capacitance
Tolerance
*
1825
2220
1812
0805
1206
1210
1808
82


Similar Part No. - C1808C300GCRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C330JHGACTU KEMET-C1808C330JHGACTU Datasheet
59Kb / 1P
   SMD Comm C0G HV, Ceramic, 33 pF, 5%, 3000 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1808
C1808C330KHGACTU KEMET-C1808C330KHGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-10% Tol, 3000 V, C0G, 1808 (4520 metric)
C1808C331KHRACTU KEMET-C1808C331KHRACTU Datasheet
61Kb / 1P
   SMD Comm X7R HV, Ceramic, 330 pF, 10%, 3000 VDC, X7R, SMD, MLCC, High Voltage, Temperature Stable, 1808
C1808C332BBGACAUTO KEMET-C1808C332BBGACAUTO Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1808C332BBGACAUTO KEMET-C1808C332BBGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results

Similar Description - C1808C300GCRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com