Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65701 Datasheet(PDF) 2 Page - EPCOS

Part # B65701
Description  PM/P/P Cores Halves/EP/TT/PR Cores
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65701 Datasheet(HTML) 2 Page - EPCOS

  B65701 Datasheet HTML 1Page - EPCOS B65701 Datasheet HTML 2Page - EPCOS B65701 Datasheet HTML 3Page - EPCOS B65701 Datasheet HTML 4Page - EPCOS B65701 Datasheet HTML 5Page - EPCOS B65701 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
348 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,33
45
136
6 100
0,32
46
145
117
6 670
mm–1
mm
mm2
mm2
mm3
m
36
37
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
N48
250
± 2 %
0,72
66
B65701-+250-G48
400
± 2 %
0,40
105
B65701-+400-A48
630
± 3 %
0,22
166
B65701-+630-A48
1000
± 3 %
0,12
263
B65701-+1000-A48
2000
± 5 %
0,05
525
B65701-D2000-J48
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-W without center hole
N26
6200 + 30/– 20 % 1630
B65701-D-R26
N87
6400 + 30/– 20 % 1630 3800
< 2,5
(200 mT, 100 kHz, 100 °C)
B65701-W-R87
N30
11500 + 30/– 20 % 2930
B65701-W-R30
T38
28000 + 40/– 30 % 7130
B65701-W-Y38
FPK0155-U
20,9 0,9
_
ø5,4+0,2
ø13,5 _0,4
M3
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65701
Core
P 30
× 19


Similar Part No. - B65701

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65701 EPCOS-B65701 Datasheet
117Kb / 7P
   Ferrites and accessories
B65701D0000R048 EPCOS-B65701D0000R048 Datasheet
117Kb / 7P
   Ferrites and accessories
B65701D2000J048 EPCOS-B65701D2000J048 Datasheet
117Kb / 7P
   Ferrites and accessories
B65701W0000R030 EPCOS-B65701W0000R030 Datasheet
117Kb / 7P
   Ferrites and accessories
B65701W0000R087 EPCOS-B65701W0000R087 Datasheet
117Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65701

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65522 EPCOS-B65522 Datasheet
98Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65621 EPCOS-B65621 Datasheet
110Kb / 5P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0001X001 EPCOS-B65659F0001X001 Datasheet
93Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65661 EPCOS-B65661 Datasheet
142Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
October 2009
B65671 EPCOS-B65671 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65517 EPCOS-B65517 Datasheet
157Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65839-A63-A38 EPCOS-B65839-A63-A38 Datasheet
114Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65651 EPCOS-B65651 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65541 EPCOS-B65541 Datasheet
146Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65611 EPCOS-B65611 Datasheet
133Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com