Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBJ15A Datasheet(PDF) 1 Page - Won-Top Electronics

Part No. GBJ15A
Description  15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo 

GBJ15A Datasheet(HTML) 1 Page - Won-Top Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBJ15A – GBJ15M
1 of 4
© 2006 Won-Top Electronics
Pb
GBJ15A – GBJ15M
15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
G
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
C
+
~
~
-
!
Recognized File # E157705
                H
K
D
J
E
Mechanical Data
P
R
R
!
Case: GBJ-6, Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
!
Polarity: As Marked on Body
!
Weight: 7.0 grams (approx.)
!
Mounting Position: Any
S
G
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
T
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
GBJ
15A
GBJ
15B
GBJ
15D
GBJ
15G
GBJ
15J
GBJ
15K
GBJ
15M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
(Note 1)
IO
15
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
240
A
Forward Voltage per diode
@IF = 7.5A
VFM
1.05
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
10
250
µA
Typical Thermal Resistance per leg (Note 2)
RJA
22
°C/W
Typical Thermal Resistance per leg (Note 1)
RJC
1.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Device mounted on 300 x 300 x 1.6mm thick Cu plate heatsink.
2. Device mounted on P.C.B. without heatsink.
WTE
POWER SEMICONDUCTORS
GBJ-6
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
—5.0
D
17.0
18.0
E
3.8
4.2
G
3.1Ø
3.4Ø
H
2.3
2.7
J
0.9
1.1
K
1.8
2.2
L
0.6
0.8
M
4.4
4.8
N
3.4
3.8
P
9.8
10.2
R
7.3
7.7
S
10.8
11.2
T
2.3
2.7
All Dimensions in mm


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn