Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7370 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SAA7370
Description  Digital servo processor and Compact Disc decoder CD7
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7370 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SAA7370 Datasheet HTML 47Page - NXP Semiconductors SAA7370 Datasheet HTML 48Page - NXP Semiconductors SAA7370 Datasheet HTML 49Page - NXP Semiconductors SAA7370 Datasheet HTML 50Page - NXP Semiconductors SAA7370 Datasheet HTML 51Page - NXP Semiconductors SAA7370 Datasheet HTML 52Page - NXP Semiconductors SAA7370 Datasheet HTML 53Page - NXP Semiconductors SAA7370 Datasheet HTML 54Page - NXP Semiconductors SAA7370 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
1998 Feb 26
51
Philips Semiconductors
Product specification
Digital servo processor and
Compact Disc decoder (CD7)
SAA7370
Notes
1. The 4-wire bus mode microprocessor interface timing for writing to registers 0 to F, and reading Q-channel subcode
and decoder status, is a function of the overspeed factor ‘n’. In the lock-to-disc mode the maximum data rate is lower.
2. Negative set-up time means that the data may change after clock transition.
WRITE MODE (CL = 20 pF)
tsD
set-up time SDA to SCL
0
0
ns
thD
hold time SCL to SDA
950
950
ns
tsCL
set-up time SCL to SILD
480
480
ns
thCL
hold time SILD to SCL
120
120
ns
tdPLP
delay between two SILD
pulses
70
70
−µs
tdWZ
delay time SDA
high-impedance to SILD
0
0
ns
SYMBOL
PARAMETER
CONDITIONS
NORMAL MODE
LOCK-TO-DISC MODE
UNIT
MIN.
MAX.
MIN.
MAX.
handbook, full pagewidth
tW(SBSY)
tW(SFSY)
tr
VDD – 0.8 V
VDD – 0.8 V
tSFSYL
tSFSYH
Tcy(block)
tcy(frame)
tf
td(SFSY−RCK)
td(SFSY−SUB)
th(RCK−SUB)
td(RCK−SUB)
SBSY
SFSY
RCK
SUB
SFSY
(4-wire mode)
SFSY
(3-wire mode)
0.8 V
0.8 V
0.8 V
MBG414
Fig.31 Subcode interface timing diagram.


Similar Part No. - SAA7370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com