Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR103 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # FR103
Description  1.0A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR103 Datasheet(HTML) 4 Page - Won-Top Electronics

  FR103 Datasheet HTML 1Page - Won-Top Electronics FR103 Datasheet HTML 2Page - Won-Top Electronics FR103 Datasheet HTML 3Page - Won-Top Electronics FR103 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FR101 – FR107
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
FR101-T3
DO-41
5000/Tape & Reel
FR101-TB
DO-41
5000/Tape & Box
FR101
DO-41
1000 Units/Box
FR102-T3
DO-41
5000/Tape & Reel
FR102-TB
DO-41
5000/Tape & Box
FR102
DO-41
1000 Units/Box
FR103-T3
DO-41
5000/Tape & Reel
FR103-TB
DO-41
5000/Tape & Box
FR103
DO-41
1000 Units/Box
FR104-T3
DO-41
5000/Tape & Reel
FR104-TB
DO-41
5000/Tape & Box
FR104
DO-41
1000 Units/Box
FR105-T3
DO-41
5000/Tape & Reel
FR105-TB
DO-41
5000/Tape & Box
FR105
DO-41
1000 Units/Box
FR106-T3
DO-41
5000/Tape & Reel
FR106-TB
DO-41
5000/Tape & Box
FR106
DO-41
1000 Units/Box
FR107-T3
DO-41
5000/Tape & Reel
FR107-TB
DO-41
5000/Tape & Box
FR107
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, FR101-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - FR103

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
FR103 SY-FR103 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Surge Components
FR103 SURGE-FR103 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR103 CHENDA-FR103 Datasheet
596Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Kingtronics Internation...
FR103 KINGTRONICS-FR103 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Leshan Radio Company
FR103 LRC-FR103 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
More results

Similar Description - FR103

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4933 WTE-1N4933_06 Datasheet
54Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
1N4933 ZSELEC-1N4933 Datasheet
132Kb / 2P
   1.0A FAST RECOVERY DIODE
FR101 ZSELEC-FR101 Datasheet
117Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
BA157 WTE-BA157_06 Datasheet
54Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
PR1001 ZSELEC-PR1001 Datasheet
134Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Naina Semiconductor ltd...
BA159 NAINA-BA159 Datasheet
107Kb / 2P
   Fast Recovery Diode, 1.0A
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR1A ZSELEC-FR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com