Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR3D Datasheet(PDF) 4 Page - Won-Top Electronics

Part # FR3D
Description  3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR3D Datasheet(HTML) 4 Page - Won-Top Electronics

  FR3D Datasheet HTML 1Page - Won-Top Electronics FR3D Datasheet HTML 2Page - Won-Top Electronics FR3D Datasheet HTML 3Page - Won-Top Electronics FR3D Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FR3A – FR3K
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
FR3A-T3
SMC
3000/Tape & Reel
FR3B-T3
SMC
3000/Tape & Reel
FR3D-T3
SMC
3000/Tape & Reel
FR3G-T3
SMC
3000/Tape & Reel
FR3J-T3
SMC
3000/Tape & Reel
FR3K-T3
SMC
3000/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, FR3A-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - FR3D

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR3D SURGE-FR3D Datasheet
80Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT -3.0 Amperes?
logo
Pan Jit International I...
FR3D PANJIT-FR3D Datasheet
130Kb / 3P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Shanghai Leiditech Elec...
FR3D LEIDITECH-FR3D Datasheet
816Kb / 3P
   3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Transys Electronics
FR3D TRSYS-FR3D Datasheet
145Kb / 3P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
FR3D MCC-FR3D Datasheet
752Kb / 4P
   3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR3D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS3AF ZSELEC-RS3AF Datasheet
108Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS3ABF ZSELEC-RS3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RGP30A ZSELEC-RGP30A Datasheet
86Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR3001G ZSELEC-PR3001G Datasheet
136Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR301G ZSELEC-FR301G Datasheet
83Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG300R ZSELEC-PG300R Datasheet
136Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR3A ZSELEC-FR3A Datasheet
122Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
RS3A ZSELEC-RS3A Datasheet
146Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
FS3A ZSELEC-FS3A Datasheet
73Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
ES3AF ZSELEC-ES3AF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com