Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7366T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7366T
Description  Bitstream conversion ADC for digital audio systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7366T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7366T Datasheet HTML 6Page - NXP Semiconductors SAA7366T Datasheet HTML 7Page - NXP Semiconductors SAA7366T Datasheet HTML 8Page - NXP Semiconductors SAA7366T Datasheet HTML 9Page - NXP Semiconductors SAA7366T Datasheet HTML 10Page - NXP Semiconductors SAA7366T Datasheet HTML 11Page - NXP Semiconductors SAA7366T Datasheet HTML 12Page - NXP Semiconductors SAA7366T Datasheet HTML 13Page - NXP Semiconductors SAA7366T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
May 1994
10
Philips Semiconductors
Preliminary specification
Bitstream conversion ADC for
digital audio systems
SAA7366
Notes
1. Minimum VIL, VOL and maximum VIH, VOH are peak values to allow for transients.
2. ILImin and ILOmin measured at VI = 0 V; ILImax and ILOmax measured at VI =VDDD.
3. fi is a multiple (×256) of the system sampling frequency (fs) which can vary between 18 kHz and 53 kHz.
4. CL = 50 pF (valid for master mode only).
5. Device measured with external components shown in recommended application diagram Fig.8.
6. Input is 1 kHz and
−60 dB.
7. Input is 1 kHz and 0 dB.
8. Measured by applying a 1 kHz, 0 dB signal to one channel and monitoring the level of 1 kHz (fundamental) on the
other channel.
9. See also Section “Input level” of Chapter “Functional description”; valid for left or right channel.
Analog part (VDDD =VDDA =5V; Tamb =25 °C; fs = 48 kHz)
VOLTAGE REFERENCE:VREFL AND VREFR
VO
output voltage
0.475VDDA
0.5VDDA
0.525VDDA
V
Zn
DC impedance
normal mode
750
−Ω
Zs
DC impedance
standby mode
100
k
CURRENT REFERENCE:IREF
VO
output voltage
0.5VDDA
V
IO
output current
R = 33 k
Ω−
76
−µA
DAC REFERENCE:VDACN
VI
input voltage
VSSA
V
VDACP
VI
input voltage
VDDA
V
BUFFER OPERATIONAL AMPLIFIERS: BIL, BOL, BIR AND BOR
Voffset
input offset voltage
−< ±10
mV
RLmax
maximum load resistance;
(drive capability)
decoupled to
VREF
10
k
ZO
output impedance
100
−Ω
THD + N
total harmonic distortion plus
noise
f = 0 to 20 kHz
−−85
dB
ADC PERFORMANCE; NOTE 5
tgd
group delay
T = 1/fs
tbf
tbf
µs
α
sb
stop band attenuation
f
> 0.546fs
60
−−
dB
DR
dynamic range
note 6
90
−−
dB
THD + N
total harmonic distortion plus
noise
note 7
−−−80
dB
S/N
signal-to-noise ratio
A-weighted
tbf
dB
α
cs
channel separation
note 8
tbf
dB
G
gain
note 9
−1.2
−1
−0.8
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA7366T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7360GP PHILIPS-SAA7360GP Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
More results

Similar Description - SAA7366T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
logo
Texas Instruments
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com