Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1004 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # ER1004
Description  10A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1004 Datasheet(HTML) 3 Page - Won-Top Electronics

  ER1004 Datasheet HTML 1Page - Won-Top Electronics ER1004 Datasheet HTML 2Page - Won-Top Electronics ER1004 Datasheet HTML 3Page - Won-Top Electronics ER1004 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ER1000 – ER1006
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
ER100x
= Device Number
x
= 0, 1, 1A, 2, 3, 4 or 6
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
ER100x


Similar Part No. - ER1004

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1004 PANJIT-ER1004 Datasheet
269Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
logo
Transys Electronics
ER1004 TRSYS-ER1004 Datasheet
146Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER1004 WTE-ER1004 Datasheet
47Kb / 3P
   10A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
ER1004 PANJIT-ER1004 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER1004 PANJIT-ER1004 Datasheet
83Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER1004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000F WTE-ER1000F_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Zibo Seno Electronic En...
MUR1010CT ZSELEC-MUR1010CT Datasheet
205Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810 ZSELEC-MUR810 Datasheet
203Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR1610CT ZSELEC-MUR1610CT Datasheet
205Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
HERF801 ZSELEC-HERF801 Datasheet
51Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com