Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C50G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # C50G
Description  50A AUTOMOTIVE CELL DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

C50G Datasheet(HTML) 1 Page - Won-Top Electronics

  C50G Datasheet HTML 1Page - Won-Top Electronics C50G Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C50A – C50K
1 of 2
© 2006 Won-Top Electronics
Pb
C50A – C50K
50A AUTOMOTIVE CELL DIODE
Features
Diffused Junction
Low Leakage
D
Low Cost
Anode
+
High Surge Current Capability
C
Die Size 220 mil HEX
E
Mechanical Data
B
Case: Cell Diode Passivated with Silicon Rubber
Terminal: Copper Disc with Ag Plated
Polarity: Indicated by Large Disc On Cathode
Side, Add “R” Suffix to Indicate Reverse Polarity,
i.e. C50AR
Mounting Position: Any
A
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
C50A
C50B
C50D
C50G
C50J
C50K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
V
Average Rectified Output Current
@TC = 150°C
IO
50
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
500
A
Forward Voltage
@IF = 100A
VFM
1.08
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
3.0
µA
Typical Thermal Resistance Junction to Ambient
RθJA
1.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +150
°C
WTE
POWER SEMICONDUCTORS
C50
Dim
Min
Max
A
7.40
B
6.55
C
0.75
D
1.0
E
2.2
All Dimensions in mm


Similar Part No. - C50G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50G WTE-C50G Datasheet
23Kb / 2P
   50A AUTOMOTIVER RECTIFIER CELL
C50G WTE-C50G Datasheet
31Kb / 2P
   50A AUTOMOTIVE CELL DIODE
More results

Similar Description - C50G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50A WTE-C50A_14 Datasheet
31Kb / 2P
   50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
   50A AVALANCHE AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
   50A AVALANCHE AUTOMOTIVE CELL DIODE
ARS50A WTE-ARS50A_06 Datasheet
68Kb / 3P
   50A AUTOMOTIVE BUTTON DIODE
logo
Nanjing International G...
ARS50 DGNJDZ-ARS50 Datasheet
55Kb / 3P
   50A AUTOMOTIVE BUTTON DIODE
ARS50G DGNJDZ-ARS50G Datasheet
531Kb / 3P
   50A AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
C25A WTE-C25A_14 Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_14 Datasheet
31Kb / 2P
   35A AUTOMOTIVE CELL DIODE
C70A WTE-C70A_14 Datasheet
31Kb / 2P
   70A AUTOMOTIVE CELL DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com