Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS89C420-QNL Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS89C420-QNL
Description  Ultra-High-Speed Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C420-QNL Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS89C420-QNL Datasheet HTML 3Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 4Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 5Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 6Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 7Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 8Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 9Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 10Page - Maxim Integrated Products DS89C420-QNL Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
DS89C420 Ultra-High-Speed Microcontroller
7 of 47
Note 1:
The clock divide and crystal multiplier control bits in the PMR register determine the system clock frequency and the minimum/
maximum external clock speed. The term “1/tCLCL” used in the AC Characteristics variable timing table is determined from the
following table. The minimum/maximum external clock speed columns clarify that [(external clock speed) x (multipliers)] cannot
exceed the rated speed of the device. In addition, the use of the crystal multiplier feature establishes a minimum external speed.
External Clock Speed
4X/
2X
CD1
CD0
Number of External Clock
Cycles per System Clock
(1/tCLCL)
Min
Max
1
0
0
1/4
5MHz
8.25MHz
0
0
0
1/2
10MHz
16.5MHz
X
0
1
Reserved
X
1
0
1
See AC Characteristics
See AC Characteristics
X
1
1
1024
See AC Characteristics
See AC Characteristics
Note 2: External MOVX instruction times are dependent on the setting of the MD2, MD1, and MD0 bits in the clock control register. The terms
“tSTC1, tSTC2, tSTC3” used in the variable timing table are calculated through the use of the table given below.
MD2
MD1
MD0
MOVX INSTRUCTION TIME
(MACHINE CYCLES)
tSTC1
(tCLCL)
tSTC2
(tCLCL)
tSTC3
(tCLCL)
tSTC4
(tCLCL)
tSTC5
(tCLCL)
0
0
0
2
0
0
0
0
0
0
0
1
3
2
1
0
0
1
0
1
0
4
6
1
0
0
1
0
1
1
5
10
1
0
0
1
1
0
0
9
14
5
4
1
1
1
0
1
10
18
5
4
1
1
1
1
0
11
22
5
4
1
1
1
1
1
12
26
5
4
1
1
Note 3: Maximum load capacitance (to meet the above timing) for Port 0, ALE,
PSEN, WR, and RD is limited to 60pF. XTAL1 and XTAL2 load
capacitance is dependent on the frequency of the selected crystal.
Figure 1. Non-Page Mode Timing
ALE
Port 0
Port 2
LSB
DATA
XTAL1
PSEN
RD
MSB
MSB
MSB
MSB
MSB
WR
LSB
LSB
LSB
LSB
DATA
MOVX
MOVX
OPCODE
tCLCL
tAVLL2
tLHLL
tWLWH
tLLAX2
tLLWL
tLLPL
tLLAX
tLLIV
tAVIV0
tPXIX
tPLPH
tPLIV
tAVLL3
tLLAX3
tRLRH
tPLAZ
tWHLH
tWHQX
tQVWX
tAVIV2
tAVDV2
tAVWL2
tPXIZ
tAVLL
tLLDV
tAVDV0
tRHDX
tRHDZ
tRLDV
tAVWL0


Similar Part No. - DS89C420-QNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS89C420-QNL MAXIM-DS89C420-QNL Datasheet
669Kb / 58P
   Ultra-High-Speed Microcontroller
051302
DS89C420-QNL MAXIM-DS89C420-QNL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
More results

Similar Description - DS89C420-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
   Ultra-High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
   Ultra-High-Speed Microcontroller
051302
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_09 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS80C320-MCG DALLAS-DS80C320-MCG Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
List of Unclassifed Man...
KL5C80A12 ETC-KL5C80A12 Datasheet
252Kb / 1P
   Z80 COMPATIBLE HIGH SPEED MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com