Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB6206 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB6206
Description  Low ESR Cap. Compatible Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB6206 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB6206 Datasheet HTML 1Page - Kingbor Technology Co KB6206 Datasheet HTML 2Page - Kingbor Technology Co KB6206 Datasheet HTML 3Page - Kingbor Technology Co KB6206 Datasheet HTML 4Page - Kingbor Technology Co KB6206 Datasheet HTML 5Page - Kingbor Technology Co KB6206 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2007
1
KB6206
Typical Operating Circuit
KB6206
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
General Description
Features
Applications
Ordering Information
Typical Application
Low ESR Cap. Compatible Positive Voltage Regulators
The KB6206 series are precise, low power consumption, high
voltage, positive voltage regulators manufactured using
CMOS and laser trimming technologies. The series provides
large currents with a significantly small dropout voltage.
The KB6206 consists of a current limiter circuit, a driver
transistor, a precision reference voltage and an error
correction circuit.
The series is compatible with low ESR ceramic capacitors.
The current limiter's foldback circuit also operates as a short
protect for the output current limiter and the output pin.
Output voltage can be set internally by laser trimming
technologies. It is selectable in 100mV increments within a
range of 1.2V to 5.0V.
SOT-23 (250mW) and SOT-89 (500mW) packages are
available.
z Battery powered equipment
z Reference voltage sources
z Cameras, Video cameras
z Portable AV systems
z Mobile phones
z Communication tools
z Portable games
„ Maximum Operating Voltage
: 9.0V
„ Dropout Voltage
: 160mV @ 100mA
: 400mV @ 200mA
„ Output Current
: more than 300mA (type)
„ Highly Accurate
: ± 2%
„ Low Power Consumption
„
„ Low ESR Capacitor can be used
8.0
PA (TYP.)
OC ~ 85OC
1
2
3
1.0uF (ceramic)
CIN
1.0uF (ceramic)
CL
VOUT
VSS
VIN
KB6206P
MNOPQ
Packaging Type :
Pb Free
MN
Integer
P
Q
Output Voltage :
O
e.g.
M = 3, N - 0 D 3.0V
Accuracy : within
r2%
SOT-23 (Pd=250mW)
2
M
DESIGNATOR
P
SOT-89 (Pd=500mW)
SYMBOL
DESCRIPTION
E
Operational Temperature Range
-40
Available:
-------- 2.0V
-------- 2.1V
-------- 2.5V
-------- 2.8V
-------- 3.0V
-------- 3.3V
-------- 3.6V
Iout(max)=Pd/(Vin-Vout) & more than 300mA
Vout
Vin


Similar Part No. - KB6206

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB6282 KINGBOR-KB6282 Datasheet
439Kb / 13P
   16-Channel Constant-Current LED Driver
More results

Similar Description - KB6206

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
First Silicon Co., Ltd
FC6206S FS-FC6206S Datasheet
642Kb / 14P
   FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com