Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C2V4S Datasheet(PDF) 2 Page - Won-Top Electronics

Part No. BZT52C2V4S
Description  200mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZT52C2V4S Datasheet(HTML) 2 Page - Won-Top Electronics

  BZT52C2V4S Datasheet HTML 1Page - Won-Top Electronics BZT52C2V4S Datasheet HTML 2Page - Won-Top Electronics BZT52C2V4S Datasheet HTML 3Page - Won-Top Electronics BZT52C2V4S Datasheet HTML 4Page - Won-Top Electronics BZT52C2V4S Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZT52C2V4S – BZT52C51S
2 of 5
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Temp.
Coefficient of
Zener Voltage
@ IZT
mV / °C
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
(



)(mA)
(



)(mA)
(µA)
(V)
Min
Max
BZT52C2V4S
BZT52C2V7S
BZT52C3S
BZT52C3V3S
W1
W2
W3
W4
2.4
2.7
3.0
3.3
2.28
2.57
2.85
3.14
2.52
2.84
3.15
3.47
85
83
95
95
5.0
5.0
5.0
5.0
600
600
600
600
1.0
1.0
1.0
1.0
100
75
50
25
1.0
1.0
1.0
1.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0
BZT52C3V6S
BZT52C3V9S
BZT52C4V3S
BZT52C4V7S
W5
W6
W7
W8
3.6
3.9
4.3
4.7
3.42
3.71
4.09
4.47
3.78
4.10
4.52
4.94
95
95
95
78
5.0
5.0
5.0
5.0
600
600
600
500
1.0
1.0
1.0
1.0
15
10
5.0
5.0
1.0
1.0
1.0
1.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0.2
BZT52C5V1S
BZT52C5V6S
BZT52C6V2S
BZT52C6V8S
W9
WA
WB
WC
5.1
5.6
6.2
6.8
4.85
5.32
5.89
6.46
5.36
5.88
6.51
7.14
60
40
10
8.0
5.0
5.0
5.0
5.0
480
400
150
80
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
0.8
1.0
2.0
3.0
-2.7
-2.0
0.4
1.2
1.2
2.5
3.7
4.5
BZT52C7V5S
BZT52C8V2S
BZT52C9V1S
BZT52C10S
WD
WE
WF
WG
7.5
8.2
9.1
10
7.13
7.79
8.65
9.50
7.88
8.61
9.56
10.50
7.0
7.0
10
15
5.0
5.0
5.0
5.0
80
80
100
150
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
5.0
6.0
7.0
7.5
2.5
3.2
3.8
4.5
5.3
6.2
7.0
8.0
BZT52C11S
BZT52C12S
BZT52C13S
BZT52C15S
WH
WI
WK
WL
11
12
13
15
10.45
11.40
12.35
14.25
11.55
12.60
13.65
15.75
20
20
25
30
5.0
5.0
5.0
5.0
150
150
170
200
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
8.5
9.0
10
11
5.4
6.0
7.0
9.2
9.0
10
11
13
BZT52C16S
BZT52C18S
BZT52C20S
BZT52C22S
WM
WN
WO
WP
16
18
20
22
15.20
17.10
19.00
20.90
16.80
18.90
21.00
23.10
40
50
50
55
5.0
5.0
5.0
5.0
200
225
225
250
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
12
14
15
17
10.4
12.4
14.4
16.4
14
16
18
20
BZT52C24S
BZT52C27S
BZT52C30S
BZT52C33S
WR
WS
WT
WU
24
27
30
33
22.80
25.65
28.50
31.35
25.20
28.35
31.50
34.65
80
80
80
80
5.0
5.0
5.0
5.0
250
300
300
325
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
18
20
22.5
25
18.4
21.4
24.4
27.4
22
25.3
29.4
33.4
BZT52C36S
BZT52C39S
BZT52C43S
BZT52C47S
BZT52C51S
WW
WX
WY
WZ
XA
36
39
43
47
51
34.20
37.05
40.85
44.65
48.45
37.80
40.95
45.15
49.35
53.55
90
90
100
100
100
5.0
5.0
5.0
5.0
5.0
350
350
700
750
750
1.0
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
0.1
27
29
32
35
38
30.4
33.4
10.0
10.0
10.0
37.4
41.2
12
12
12
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 5ms.
3. f = 1KHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4W_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
AZ23C5V6W_1200mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMBZ5221BW_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BS_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4W200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 5 Won-Top Electronics
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BT_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn