Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZFSC-2-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZFSC-2-1
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSC-2-1 Datasheet(HTML) 1 Page - Mini-Circuits

  ZFSC-2-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min Typ. Min Typ. Min Typ. Max. Typ. Max. Typ. Max. Max.
Max.
Max.
Max.
Max.
Max.
5-500
30
25
28
20
25
20
0.2
0.5
0.3
0.6
0.6
0.8
2
4
4
0.15
0.15
0.30
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
A
B
C
D
E
F
G
H
1.25
1.25
.75
.63
.38
1.00
.125 1.000
31.75
31.75
19.05
16.00
9.65
25.40
3.18 25.40
J
K
L
M
N
P
Q
wt
--
--
.125 1.688
2.18
.75
.07 grams
--
--
3.18
42.88
55.37
19.05
1.78
70.0
ZFSC-2-1+
ZFSC-2-1
2 Way-0°
50Ω
5 to 500 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. B
M108294
ZFSC-2-1
HY/TD/CP
070604
Features
• wideband, 5 to 500 MHz
• low insertion loss, 0.3 dB typ.
• excellent isolation, 28 dB typ.
• excellent amplitude unbalance, 0.1 dB typ.
• good VSWR, 1.2:1 typ.
• rugged shielded case
Applications
• VHF/UHF
• instrumentation
• communication systems
Coaxial Connections
SUM PORT
3
PORT 1
1
PORT 2
2
CASE STYLE: K18
Connectors Model
Price
Qty.
BNC
ZFSC-2-1(+)
$44.95
(1-9)
SMA
ZFSC-2-1-S+
$49.95
(1-9)
N-TYPE
ZFSC-2-1-N(+)
$49.95
(1-9)
BRACKET (OPTION "B")
$2.50
(1+)
ZFSC-2-1
INSERTION LOSS
3.1
3.2
3.3
3.4
3.5
3.6
0
100
200
300
400
500
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
ZFSC-2-1
ISOLATION
20
25
30
35
40
45
0
100
200
300
400
500
FREQUENCY (MHz)
ZFSC-2-1
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
1.30
0
100
200
300
400
500
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
Splitter Electrical Specifications
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
BNC version shown
For option B with N-type connectors, dimension "C" increases to 0.94 inches.
20
3.17
3.17
0.00
38.54
0.08
1.02
1.05
1.05
35
3.18
3.19
0.00
37.55
0.05
1.03
1.04
1.05
80
3.23
3.23
0.00
35.20
0.01
1.05
1.05
1.05
140
3.27
3.28
0.01
32.86
0.01
1.07
1.06
1.06
170
3.29
3.30
0.01
31.68
0.03
1.09
1.06
1.06
200
3.31
3.32
0.01
30.89
0.05
1.10
1.07
1.07
225
3.33
3.34
0.02
30.37
0.09
1.11
1.07
1.07
250
3.33
3.35
0.02
29.60
0.08
1.12
1.08
1.08
290
3.35
3.38
0.03
28.75
0.13
1.14
1.09
1.09
330
3.38
3.41
0.03
28.01
0.17
1.15
1.09
1.10
370
3.39
3.43
0.04
27.35
0.21
1.17
1.10
1.11
410
3.41
3.46
0.05
26.80
0.25
1.19
1.11
1.12
450
3.43
3.48
0.05
26.31
0.30
1.21
1.12
1.13
475
3.44
3.50
0.06
26.09
0.32
1.22
1.13
1.14
500
3.46
3.52
0.06
25.83
0.34
1.23
1.13
1.14
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - ZFSC-2-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSC-2-1-75 MINI-ZFSC-2-1-75 Datasheet
192Kb / 1P
   Power Splitter/Combiner
ZFSC-2-1-75++ MINI-ZFSC-2-1-75+ Datasheet
192Kb / 1P
   Power Splitter/Combiner
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
178Kb / 1P
   Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
ZFSC-2-10G++ MINI-ZFSC-2-10G+ Datasheet
199Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
More results

Similar Description - ZFSC-2-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com