Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C2V4 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BZT52C2V4
Description  410mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZT52C2V4 Datasheet(HTML) 2 Page - Won-Top Electronics

  BZT52C2V4 Datasheet HTML 1Page - Won-Top Electronics BZT52C2V4 Datasheet HTML 2Page - Won-Top Electronics BZT52C2V4 Datasheet HTML 3Page - Won-Top Electronics BZT52C2V4 Datasheet HTML 4Page - Won-Top Electronics BZT52C2V4 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZT52C2V4 – BZT52C51
2 of 5
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Temp.
Coefficient of
Zener Voltage
@ IZT
mV / °C
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
(



)(mA)
(



)(mA)
(µA)
(V)
Min
Max
BZT52C2V4
BZT52C2V7
BZT52C3
BZT52C3V3
W1
W2
W3
W4
2.4
2.7
3.0
3.3
2.28
2.57
2.85
3.14
2.52
2.84
3.15
3.47
85
83
95
95
5.0
5.0
5.0
5.0
600
600
600
600
1.0
1.0
1.0
1.0
100
75
50
25
1.0
1.0
1.0
1.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0
BZT52C3V6
BZT52C3V9
BZT52C4V3
BZT52C4V7
W5
W6
W7
W8
3.6
3.9
4.3
4.7
3.42
3.71
4.09
4.47
3.78
4.10
4.52
4.94
95
95
95
78
5.0
5.0
5.0
5.0
600
600
600
500
1.0
1.0
1.0
1.0
15
10
5.0
5.0
1.0
1.0
1.0
1.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0.2
BZT52C5V1
BZT52C5V6
BZT52C6V2
BZT52C6V8
W9
WA
WB
WC
5.1
5.6
6.2
6.8
4.85
5.32
5.89
6.46
5.36
5.88
6.51
7.14
60
40
10
8.0
5.0
5.0
5.0
5.0
480
400
150
80
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
0.8
1.0
2.0
3.0
-2.7
-2.0
0.4
1.2
1.2
2.5
3.7
4.5
BZT52C7V5
BZT52C8V2
BZT52C9V1
BZT52C10
WD
WE
WF
WG
7.5
8.2
9.1
10
7.13
7.79
8.65
9.50
7.88
8.61
9.56
10.50
7.0
7.0
10
15
5.0
5.0
5.0
5.0
80
80
100
150
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
5.0
6.0
7.0
7.5
2.5
3.2
3.8
4.5
5.3
6.2
7.0
8.0
BZT52C11
BZT52C12
BZT52C13
BZT52C15
WH
WI
WK
WL
11
12
13
15
10.45
11.40
12.35
14.25
11.55
12.60
13.65
15.75
20
20
25
30
5.0
5.0
5.0
5.0
150
150
170
200
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
8.5
9.0
10
11
5.4
6.0
7.0
9.2
9.0
10
11
13
BZT52C16
BZT52C18
BZT52C20
BZT52C22
WM
WN
WO
WP
16
18
20
22
15.20
17.10
19.00
20.90
16.80
18.90
21.00
23.10
40
50
50
55
5.0
5.0
5.0
5.0
200
225
225
250
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
12
14
15
17
10.4
12.4
14.4
16.4
14
16
18
20
BZT52C24
BZT52C27
BZT52C30
BZT52C33
WR
WS
WT
WU
24
27
30
33
22.80
25.65
28.50
31.35
25.20
28.35
31.50
34.65
80
80
80
80
5.0
5.0
5.0
5.0
250
300
300
325
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
18
20
22.5
25
18.4
21.4
24.4
27.4
22
25.3
29.4
33.4
BZT52C36
BZT52C39
BZT52C43
BZT52C47
BZT52C51
WW
WX
WY
WZ
XA
36
39
43
47
51
34.20
37.05
40.85
44.65
48.45
37.80
40.95
45.15
49.35
53.55
90
90
100
100
100
5.0
5.0
5.0
5.0
5.0
350
350
700
750
750
1.0
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
0.1
27
29
32
35
38
30.4
33.4
10.0
10.0
10.0
37.4
41.2
12
12
12
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 5ms.
3. f = 1KHz


Similar Part No. - BZT52C2V4

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Diodes Incorporated
BZT52C2V4 DIODES-BZT52C2V4 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Vishay Siliconix
BZT52C2V4 VISHAY-BZT52C2V4 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
SeCoS Halbleitertechnol...
BZT52C2V4 SECOS-BZT52C2V4 Datasheet
184Kb / 4P
   Surface Mount Zener Diode
logo
SHENZHEN SLS TECHNOLOGY...
BZT52C2V4 SHENZHENSLS-BZT52C2V4 Datasheet
300Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - BZT52C2V4

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com