Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7327 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAA7327
Description  Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7327 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAA7327 Datasheet HTML 28Page - NXP Semiconductors SAA7327 Datasheet HTML 29Page - NXP Semiconductors SAA7327 Datasheet HTML 30Page - NXP Semiconductors SAA7327 Datasheet HTML 31Page - NXP Semiconductors SAA7327 Datasheet HTML 32Page - NXP Semiconductors SAA7327 Datasheet HTML 33Page - NXP Semiconductors SAA7327 Datasheet HTML 34Page - NXP Semiconductors SAA7327 Datasheet HTML 35Page - NXP Semiconductors SAA7327 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
1999 Jun 17
32
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc decoder
with integrated DAC for video CD (CD7 II)
SAA7327
During reset (i.e. RESET pin is held LOW) the RA, FO
and SL pins are high-impedance.
7.14.10 LASER INTERFACE
The LDON pin (open-drain output) is used to switch the
laser off and on. When the laser is on, the output is
high-impedance. The action of the LDON pin is controlled
by the xtra_preset parameter; the pin is automatically
driven if the focus control loop is active.
7.14.11 RADIAL SHOCK DETECTOR
The shock detector (see Fig.22) can be switched on during
normal track following, and detects within an adjustable
frequency whether disturbances in the radial spot position
relative to the track exceed an adjustable level (controlled
by shock_level).
Every time the radial tracking error exceeds this level the
radial control bandwidth is switched to twice its original
bandwidth and the loop gain is increased by a factor of 4.
The shock detection level is adjustable in 16 steps from
0% to 100% of the traverse radial amplitude which is sent
to an amplitude detection unit via an adjustable band-pass
filter (controlled by sledge_parm1); lower corner frequency
can be set at either 0 or 20 Hz, and upper corner
frequency at 750 or 1850 Hz. The shock detector is
switched off automatically during jump mode.
Fig.22 Block diagram of radial shock detector.
handbook, full pagewidth
RE
MGC914
SHOCK
OUTPUT
HIGH-PASS FILTER
(0 or 20 Hz)
LOW-PASS FILTER
(750 or 1850 Hz)
AMPLITUDE
DETECTION
7.15
Microcontroller interface
Communication on the microcontroller interface can be
set-up in two different modes:
• 4-wire bus mode: protocol compatible with SAA7345
(CD6) and TDA1301 (DSIC2) where:
– SCL = serial clock
– SDA = serial data
– RAB=R/W control and data strobe (active HIGH) for
writing to decoder registers 0 to F, reading status bit
selected via decoder register 2 and reading
Q-channel subcode
– SILD = R/W control and data strobe (active LOW) for
servo commands.
• I2C-bus mode: I2C-bus protocol where SAA7327
behaves as slave device, activated by setting
RAB = HIGH and SILD = LOW where:
–I2C-bus slave address (write mode) = 30H
–I2C-bus slave address (read mode) = 31H
– Maximum data transfer rate = 400 kbits/s.
It should be noted that only servo commands can be used
therefore, writing to decoder registers 0 to F, reading
decoder status and reading Q-channel subcode data must
be performed by servo commands.


Similar Part No. - SAA7327

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results

Similar Description - SAA7327

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com