Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W541C240 Datasheet(PDF) 8 Page - Winbond

Part # W541C240
Description  4-BIT MICROCONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W541C240 Datasheet(HTML) 8 Page - Winbond

Back Button W541C240 Datasheet HTML 2Page - Winbond W541C240 Datasheet HTML 3Page - Winbond W541C240 Datasheet HTML 4Page - Winbond W541C240 Datasheet HTML 5Page - Winbond W541C240 Datasheet HTML 6Page - Winbond W541C240 Datasheet HTML 7Page - Winbond W541C240 Datasheet HTML 8Page - Winbond W541C240 Datasheet HTML 9Page - Winbond W541C240 Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
W541C240
- 8 -
DC Characteristics, continued
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
SEG0
−SEG23 Sink Current
(work as LCD output pins)
IOL
VOL = 0.4V
VLCD = 0.0V
4
-
-
µA
SEG0
−SEG23 Drive Current
(work as LCD output pins)
IOH
VOH = 2.4V
VLCD = 3.0V
15
-
-
µA
Input Port Pull-up Resistor
RC
Port RC
100
350
1000
K
RES
Pull-up Resistor
RRES
-
20
100
500
K
6.3 AC Characteristics
(VDD
−VSS = 3.0V, TA = 25° C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Op. Frequency
FOSC
RC type
-
-
1000
Crystal type (Option low-
speed type)
-
32.768
-
KHz
Frequency Deviation by
Voltage Drop for RC
Oscillator
∆f
f
f(3V) f(2.4V)
f(3V)
-
-
10
%
Instruction Cycle Time
TI
One machine cycle
-
4/FOSC
-
mS
Reset Active Width
TRAW FOSC = 32.768 KHz
1
-
-
µS


Similar Part No. - W541C240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C201 ETC1-W541C201 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C202 ETC1-W541C202 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C203 ETC1-W541C203 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C204 ETC1-W541C204 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
More results

Similar Description - W541C240

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com