Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7326 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SAA7326
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7326 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SAA7326 Datasheet HTML 12Page - NXP Semiconductors SAA7326 Datasheet HTML 13Page - NXP Semiconductors SAA7326 Datasheet HTML 14Page - NXP Semiconductors SAA7326 Datasheet HTML 15Page - NXP Semiconductors SAA7326 Datasheet HTML 16Page - NXP Semiconductors SAA7326 Datasheet HTML 17Page - NXP Semiconductors SAA7326 Datasheet HTML 18Page - NXP Semiconductors SAA7326 Datasheet HTML 19Page - NXP Semiconductors SAA7326 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
1999 Jun 17
16
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10)
SAA7326
7.7.4
MUTE, FULL-SCALE, ATTENUATION AND FADE
A digital level controller is present on the SAA7326 which
performs the functions of soft mute, full-scale, attenuation
and fade; these are selected via decoder register 0:
• Mute: signal reduced to 0 in a maximum of 128 steps;
(3/n) ms
• Attenuate: signal scaled by −12 dB
• Full-scale: ramp signal back to 0 dB level. From mute
takes (3/n) ms
• Fade: activates a 128 stage counter which allows the
signal to be scaled up/down by 0.07 dB steps
– 128 = full-scale
– 120 =
−0.5 dB (i.e. full-scale if oversampling filter
used)
–32 =
−12 dB
– 0 = mute.
7.7.5
PEAK DETECTOR
The peak detector measures the highest audio level
(absolute value) on positive peaks for left and right
channels. The 8 most significant bits are output in the
Q-channel data in place of the CRC bits. Bits 81 to 88
contain the left peak value (bit 88 = MSB) and
bits 89 to 96 contain the right peak value (bit 96 = MSB).
The values are reset after reading Q-channel data via
SDA.
Fig.11 Concealment mechanism.
Interpolation
Hold
Interpolation
MGA372
OK
Error
OK
Error
Error
Error
OK
OK


Similar Part No. - SAA7326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com