Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7326 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # SAA7326
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7326 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button SAA7326 Datasheet HTML 46Page - NXP Semiconductors SAA7326 Datasheet HTML 47Page - NXP Semiconductors SAA7326 Datasheet HTML 48Page - NXP Semiconductors SAA7326 Datasheet HTML 49Page - NXP Semiconductors SAA7326 Datasheet HTML 50Page - NXP Semiconductors SAA7326 Datasheet HTML 51Page - NXP Semiconductors SAA7326 Datasheet HTML 52Page - NXP Semiconductors SAA7326 Datasheet HTML 53Page - NXP Semiconductors SAA7326 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
1999 Jun 17
50
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10)
SAA7326
RIref
external resistor
30
k
Decoder analog front-end (VDDA = 3.3 V; VSSA =0V; Tamb =25 °C)
COMPARATOR INPUTS: HFIN AND HFREF
fclk
clock frequency
note 2
8
70
MHz
Vth(sw)
switching voltage
threshold
0.5VDD
V
Vi(HFIN)
input voltage level (HFIN)
1.0
V
Servo analog part (VDDA = 3.3 V; VSSA =0V; Tamb =25 °C; RIref =30kΩ)
PINS D1 TO D4; R1 AND R2
ID(max)
maximum input current for
central diode input signal
note 3
1.006
16.1
µA
IR(max)
maximum input current for
satellite diode input signal
note 3
1.006
16.1
µA
VRIN
internally generated
reference voltage
note 4
0.75
V
externally generated
reference voltage applied
to VRIN (pin 7)
note 4
0.5
0.5VDD + 0.1 V
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
at 0 dB; note 5
−−50
−45
dB
S/N
signal-to-noise ratio
55
dB
PSRR
power supply ripple
rejection at VDDA2
note 6
45
dB
Gtol
gain tolerance
note 7
−20
0
+20
%
∆G
v
variation of gain between
channels
−−
2%
α
cs
channel separation
60
dB
Digital inputs
PINS RESET AND V1 (CMOS INPUT WITH PULL-UP RESISTOR AND HYSTERESIS)
Vthr(sw)
switching voltage
threshold rising
−−
0.8VDDD
V
Vthf(sw)
switching voltage
threshold falling
0.2VDDD
−−
V
Vhys
hysteresis voltage
1.35
1.65
V
Ri(pu)
input pull-up resistance
Vi =0V
160
k
Ci
input capacitance
−−
10
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA7326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com