Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7324 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7324
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7324 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7324 Datasheet HTML 1Page - NXP Semiconductors SAA7324 Datasheet HTML 2Page - NXP Semiconductors SAA7324 Datasheet HTML 3Page - NXP Semiconductors SAA7324 Datasheet HTML 4Page - NXP Semiconductors SAA7324 Datasheet HTML 5Page - NXP Semiconductors SAA7324 Datasheet HTML 6Page - NXP Semiconductors SAA7324 Datasheet HTML 7Page - NXP Semiconductors SAA7324 Datasheet HTML 8Page - NXP Semiconductors SAA7324 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
2000 Jun 26
3
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10 II)
SAA7324
1
FEATURES
• Integrated bitstream DAC with differential outputs,
operating at 96fs with 3rd-order noise shaper; typical
performance of
−90 dB signal-to-noise ratio
• Separate serial input and output interfaces allow data
‘loopback’ mode for use of onboard DAC with external
Electronic Shock Absorption (ESA) systems
• Up to 4 times speed mode
• Low voltage operation at up to 2 times speed
• Lock-to-disc mode
• Full error correction strategy, t = 2 and e = 4
• Full CD graphics interface
• All standard decoder functions implemented digitally on
chip
• FIFO overflow concealment for rotational shock
resistance
• Digital audio interface (EBU), audio and data
• Two and four times oversampling integrated digital filter,
including fs mode
• Audio data peak level detection
• Kill interface for external DAC deactivation during digital
silence
• All SAA737x (CD7) digital servo and high-level functions
• Low focus noise
• Same playability performance as SAA737x (CD7)
• Automatic closed-loop gain control available for focus
and radial loops
• Pulsed sledge support
• Electronic damping of fast radial actuator during long
jump
• Microcontroller loading LOW
• High-level servo control option
• High-level mechanism monitor
• Communication may be via TDA1301/SAA7345
compatible bus or I2C-bus
• On-chip clock multiplier allows the use of 8.4672,
16.9344 or 33.8688 MHz crystals or ceramic
resonators.
2
GENERAL DESCRIPTION
The SAA7324 (CD10 II) is a single chip combining the
functions of a CD decoder, digital servo and bitstream
DAC. The decoder/servo part is based on the SAA737x
(CD7) and is software compatible with this design. Extra
functions are controlled by use of ‘shadow’ registers (see
Section 7.15.3).
Supply of this Compact Disc IC does not convey an
implied license under any patent right to use this IC in any
Compact Disc application.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7324H
QFP64
plastic quad flat package; 64 leads (lead length 1.6 mm);
body 14
× 14 × 2.7 mm
SOT393-1


Similar Part No. - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326H PHILIPS-SAA7326H Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com