Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7274P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7274P
Description  Audio Digital Input Circuit ADIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7274P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7274P Datasheet HTML 2Page - NXP Semiconductors SAA7274P Datasheet HTML 3Page - NXP Semiconductors SAA7274P Datasheet HTML 4Page - NXP Semiconductors SAA7274P Datasheet HTML 5Page - NXP Semiconductors SAA7274P Datasheet HTML 6Page - NXP Semiconductors SAA7274P Datasheet HTML 7Page - NXP Semiconductors SAA7274P Datasheet HTML 8Page - NXP Semiconductors SAA7274P Datasheet HTML 9Page - NXP Semiconductors SAA7274P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
July 1991
6
Philips Semiconductors
Product specification
Audio Digital Input Circuit (ADIC)
SAA7274
Fig.3 Generation of phase output signal (OPHA) and phase reference signal (OREF); fIBIFA = fIOSCL/4.
Fig.4 Generation of phase output signal (OPHA) and phase reference signal (OREF); fIBIFA = fIOSCL/4.
Output function
The output function performs the following tasks:
• Provides the data output (OSDA) with the data bits from each channel in the following order:
Table 2
Order of databits
• Outputs the data of the right and left channel. When word select input signal (IWSEL) is HIGH the data of the right
channel is output and when LOW the data of the left channel is output.
• Delivers serial data to the OSDA output, if IDOEN = HIGH. This occurs on each negative transition of the data clock
input signal (IDACL). Following a status change at the word select input (IWSEL), the data (MSB first) is output on the
first negative transition of IDACL. If the number of clock pulses in a word exceeds 24, then the following bits will be
internally set to zero.
MSB
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
LSB
0
0
0 0 0
0
0
0


Similar Part No. - SAA7274P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7205 PHILIPS-SAA7205 Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7205H PHILIPS-SAA7205H Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7206 PHILIPS-SAA7206 Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
More results

Similar Description - SAA7274P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1315H PHILIPS-TDA1315H Datasheet
411Kb / 36P
   Digital audio input/output circuit DAIO
1995 Jul 17
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Shenzhen Titan Micro El...
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
   Digital Control Audio Processing Circuit
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
   D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com