Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3504 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BD3504
Description  35A BOSCH TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BD3504 Datasheet(HTML) 1 Page - Won-Top Electronics

  BD3504 Datasheet HTML 1Page - Won-Top Electronics BD3504 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD3500 – BD3506
1 of 2
© 2006 Won-Top Electronics
Pb
BD3500 – BD3506
35A BOSCH TYPE PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
!
Low Cost
Anode
+
!
High Surge Current Capability
!
Typical IR less than 5.0µA
                 
     C
Mechanical Data
D
E
!
Case: 13mm Bosch Type Press-Fit
!
Terminals: Contact Areas Readily Solderable
B
!
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
By A “R” Suffix, i.e. BD3502R or BD3504R)
A
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
BD3500 BD3501 BD3502 BD3503 BD3504 BD3505 BD3506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance (Note 2)
RJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
13mm Bosch
Dim
Min
Max
A
12.80
13.20
B
10.00
C
1.25
1.31
D
33.00
E
9.90
10.10
All Dimensions in mm


Similar Part No. - BD3504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD3504 WTE-BD3504 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3504 WTE-BD3504 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
logo
Rohm
BD3504FVM ROHM-BD3504FVM Datasheet
256Kb / 6P
   Single Channel Series Regulator Driver IC
BD3504FVM ROHM-BD3504FVM Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3504FVM ROHM-BD3504FVM Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
More results

Similar Description - BD3504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD35160 WTE-BD35160 Datasheet
31Kb / 2P
   35A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com